Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 583 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 583 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 579Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 580Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 581Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 582Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 583Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 584Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 585Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 586Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 587Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
583
The external host should wait at least for 76 bus clock cycles after a TRACE1 or GO command before
starting any new serial command. This is to allow the CPU to exit gracefully from the standard BDM
firmware lookup table and resume execution of the user code. Disturbing the BDM shift register
prematurely may adversely affect the exit from the standard BDM firmware lookup table.
NOTE
If the bus rate of the target processor is unknown or could be changing or the
external wait function is used, it is recommended that the ACK
(acknowledge function) is used to indicate when an operation is complete.
When using ACK, the delay times are automated.
Figure 15-7 represents the BDM command structure. The command blocks illustrate a series of eight bit
times starting with a falling edge. The bar across the top of the blocks indicates that the BKGD line idles
in the high state. The time for an 8-bit command is 8
× 16 target clock cycles.1
Figure 15-7. BDM Command Structure
1. Target clock cycles are cycles measured using the target MCU’s serial clock rate. See Section 15.4.6, “BDM Serial Interface”
and Section 15.3.2.1, “BDM Status Register (BDMSTS)” for information on how serial clock rate is selected.
Hardware
Hardware
Firmware
Firmware
GO,
48-BC
BC = Bus Clock Cycles
Command
Address
150-BC
Delay
Next
DELAY
8 Bits
AT ~16 TC/Bit
16 Bits
AT ~16 TC/Bit
16 Bits
AT ~16 TC/Bit
Command
Address
Data
Next
Data
Read
Write
Read
Write
TRACE
Command
Next
Command
Data
76-BC
Delay
Next
Command
150-BC
Delay
36-BC
DELAY
Command
Command
Command
Command
Data
Next
Command
TC = Target Clock Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com