| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 613 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 613 Page - Freescale Semiconductor, Inc |
|
613 / 1350 page ![]() MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 613 Chapter 17 Memory Mapping Control (S12XMMCV2) 17.1 Introduction This section describes the functionality of the module mapping control (MMC) sub-block of the S12X platform. The block diagram of the MMC is shown in Figure 1-1. The MMC module controls the multi-master priority accesses, the selection of internal resources and external space. Internal buses including internal memories and peripherals are controlled in this module. The local address space for each master is translated to a global memory space. 17.1.1 Features The main features of this block are: • Paging capability to support a global 8 Mbytes memory address space • Bus arbitration between the masters CPU, BDM, and XGATE • Simultaneous accesses to different resources1 (internal, external, and peripherals) (see Figure 1-1) • Resolution of target bus access collision • Access restriction control from masters to some targets (e.g., RAM write access protection for user specified areas) • MCU operation mode control • MCU security control • Separate memory map schemes for each master CPU, BDM, and XGATE • ROM control bits to enable the on-chip FLASH or ROM selection • Port replacement registers access control • Generation of system reset when CPU accesses an unimplemented address (i.e., an address which does not belong to any of the on-chip modules) in single-chip modes 17.1.2 Modes of Operation This subsection lists and briefly describes all operating modes supported by the MMC. 17.1.2.1 Power Saving Modes • Run mode MMC is functional during normal run mode. 1. Resources are also called targets. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |