Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 616 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 616 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 612Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 613Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 614Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 615Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 616Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 617Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 618Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 619Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 620Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
616
Freescale Semiconductor
17.3
Memory Map and Registers
17.3.1
Module Memory Map
A summary of the registers associated with the MMC block is shown in Figure 1-2. Detailed descriptions
of the registers and bits are given in the subsections that follow.
Address
Register
Name
Bit 7
654321
Bit 0
0x000A
MMCCTL0
R
0000
CS3E
CS2E
CS1E
CS0E
W
0x000B
MODE
R
MODC
MODB
MODA
00000
W
0x0010
GPAGE
R
0
GP6
GP5
GP4
GP3
GP2
GP1
GP0
W
0x0011
DIRECT
R
DP15
DP14
DP13
DP12
DP11
DP10
DP9
DP8
W
0x0012
Reserved
R
00000000
W
0x0013
MMCCTL1
R
00000
EROMON
ROMHM
ROMON
W
0x0014
Reserved
R
00000000
W
0x0015
Reserved
R
00000000
W
0x0016
RPAGE
R
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
W
0x0017
EPAGE
R
EP7
EP6
EP5
EP4
EP3
EP2
EP1
EP0
W
0x0030
PPAGE
R
PIX7
PIX6
PIX5
PIX4
PIX3
PIX2
PIX1
PIX0
W
0x0031
Reserved
R
00000000
W
= Unimplemented or Reserved
Figure 17-2. MMC Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com