Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 726 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 726 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 722Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 723Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 724Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 725Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 726Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 727Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 728Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 729Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 730Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
726
Freescale Semiconductor
This describes the format of the information byte used only when tracing from CPU or XGATE in detail
mode. When tracing from the CPU in detail mode, information is stored to the trace buffer on all cycles
except opcode fetch and free cycles. The XGATE entry stored on the same line is a snapshot of the
XGATE program counter. In this case the CSZ and CRW bits indicate the type of access being made by
the CPU, while the XACK and XOCF bits indicate if the simultaneous XGATE cycle is a free cycle (no
bus acknowledge) or opcode fetch cycle. Similarly when tracing from the XGATE in detail mode,
information is stored to the trace buffer on all cycles except opcode fetch and free cycles. The CPU entry
stored on the same line is a snapshot of the CPU program counter. In this case the XSZ and XRW bits
indicate the type of access being made by the XGATE, while the CFREE and COCF bits indicate if the
simultaneous CPU cycle is a free cycle or opcode fetch cycle.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CFREE
CSZ
CRW
COCF
XACK
XSZ
XRW
XOCF
Figure 19-26. Information Byte CXINF
Table 19-42. CXINF Field Descriptions
Field
Description
7
CREE
CPU Free Cycle Indicator — This bit indicates if the stored CPU address corresponds to a free cycle. This bit
only contains valid information when tracing the XGATE accesses in detail mode.
0 Stored information corresponds to free cycle
1 Stored information does not correspond to free cycle
6
CSZ
Access Type Indicator — This bit indicates if the access was a byte or word size access.This bit only contains
valid information when tracing CPU activity in detail mode.
0 Word Access
1 Byte Access
5
CRW
Read Write Indicator — This bit indicates if the corresponding stored address corresponds to a read or write
access. This bit only contains valid information when tracing CPU activity in detail mode.
0 Write Access
1 Read Access
4
COCF
CPU Opcode Fetch Indicator — This bit indicates if the stored address corresponds to an opcode fetch cycle.
This bit only contains valid information when tracing the XGATE accesses in detail mode.
0 Stored information does not correspond to opcode fetch cycle
1 Stored information corresponds to opcode fetch cycle
3
XACK
XGATE Access Indicator — This bit indicates if the stored XGATE address corresponds to a free cycle. This
bit only contains valid information when tracing the CPU accesses in detail mode.
0 Stored information corresponds to free cycle
1 Stored information does not correspond to free cycle
2
XSZ
Access Type Indicator — This bit indicates if the access was a byte or word size access. This bit only contains
valid information when tracing XGATE activity in detail mode.
0 Word Access
1 Byte Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com