Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 730 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 730 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 726Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 727Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 728Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 729Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 730Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 731Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 732Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 733Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 734Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
730
Freescale Semiconductor
19.4.7.2
Breakpoints From Internal Comparator Channel Final State Triggers
Breakpoints can be generated when internal comparator channels trigger the state sequencer to the final
state. If configured for tagging, then the breakpoint is generated when the tagged opcode reaches the
execution stage of the instruction queue. If an end aligned trigger is selected or no tracing is enabled,
breakpoints can be generated immediately, depending on the state of the DBGBRK[n] bits.
If a begin or mid aligned tracing session is selected by the TSOURCE bits, breakpoints are requested when
the tracing session has completed, thus the breakpoint is requested only on completion of the subsequent
trace (see Table 19-44). If the BRK bit is set on the triggering channel, then the breakpoint is generated
immediately independent of tracing trigger alignment.
19.4.7.3
Breakpoints Generated Via The TRIG Bit
If a TRIG triggers occur, the final state is entered. Tracing trigger alignment is defined by the TALIGN
bits. If a tracing session is selected by the TSOURCE bits, breakpoints are requested when the tracing
session has completed, thus if begin or mid aligned triggering is selected, the breakpoint is requested only
on completion of the subsequent trace. If no tracing session is selected, breakpoints are requested
immediately. TRIG breakpoints are possible even if the DBG module is disarmed. TRIG bit breakpoints
are enabled by setting DBGBRK[n].
19.4.7.4
Breakpoints via TAGHI Or TAGLO Pin Taghits
Tagging using the external TAGHI/TAGLO pins always ends the session immediately at the tag hit. It is
always end aligned, independent of internal channel trigger alignment configuration. External tag
breakpoints are always mapped to the CPU, are only possible in emulation modes and can be enabled by
setting DBGBRK[1].
Table 19-44. Setup for Both XGATE and CPU Breakpoints
BRK
TALIGN
DBGBRK[n]
Type of Debug Session
0
00
0
Fill trace buffer until trigger
(no breakpoints — keep running)
0
00
1
Fill trace buffer until trigger, then a breakpoint request occurs
0
01
0
Start trace buffer at trigger
(no breakpoints — keep running)
0
01
1
Start trace buffer at trigger
A breakpoint request occurs when trace buffer is full
0
10
0
Start trace buffer at trigger
End tracing 32 line entries after trigger
(no breakpoints — keep running)
0
10
1
Start trace buffer at trigger
End tracing 32 line entries after trigger
Request breakpoint after the 32 further trace buffer entries
1
00,01,10
0
Terminate tracing immediately on trigger without breakpoint
1
00,01,10
1
Terminate tracing and generate breakpoint immediately on trigger
x
11
x
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com