Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC312XDP512F0CFU Datasheet(PDF) 965 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 965 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 961Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 962Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 963Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 964Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 965Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 966Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 967Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 968Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 969Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 965 / 1350 page
background image
23.0.6.10 Module Routing Register
This register supports the re-routing of the CAN0, CAN4, SPI0, SPI1, and SPI2 pins to alternative
ports. This allows a software re-configuration of the pinouts of the different package options with
respect to above peripherals.
NOTE
The purpose of the module routing register is to provide maximum
flexibility for derivatives with a lower number of MSCAN and SPI
modules.
23.0.7
Ports
23.0.7.1
BKGD Pin
The BKGD pin is associated with the S12X_BDM and S12X_EBI modules. During reset, the
BKGD pin is used as MODC input.
23.0.7.2
Port A and B
Port A pins PA[7:0] and Port B pins PB[7:0] can be used for either general-purpose I/O, or, in 144-
pin packages, also with the external bus interface. In this case port A and port B are associated with
the external address bus outputs ADDR15–ADDR8 and ADDR7–ADDR0, respectively. PB0 is the
ADDR0 or UDS output.
23.0.7.3
Port C and D
Port C pins PC[7:0] and port D pins PD[7:0] can be used for either general-purpose I/O, or, in 144-
pin packages, also with the external bus interface. In this case port C and port D are associated with
the external data bus inputs/outputs DATA15–DATA8 and DATA7–DATA0, respectively.
These pins are configured for reduced input threshold in certain operating modes (refer to
S12X_EBI section).
NOTE
Port C and D are neither available in 112-pin nor in 80-pin packages.
Table 23-68. Module Implementations on Derivatives
Number
of Modules
MSCAN Modules
SPI Modules
CAN0
CAN1
CAN2
CAN3
CAN4
SPI0
SPI1
SPI2
5
yes
yes
yes
yes
yes
—
—
—
4
yes
yes
yes
—
yes
—
—
—
3
yes
yes
—
—
yes
yes
yes
yes
2
yes
—
—
—
yes
yes
yes
—
1
yes
————
yes
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com