| Electronic Components Datasheet Search |
|
SC312XDP512F0CFU Datasheet(PDF) 969 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFU Datasheet(HTML) 969 Page - Freescale Semiconductor, Inc |
|
969 / 1350 page ![]() Figure 23-77. Interrupt Glitch Filter on Port P, H, and J (PPS = 0) Figure 23-78. Pulse Illustration A valid edge on an input is detected if 4 consecutive samples of a passive level are followed by 4 consecutive samples of an active level directly or indirectly. The filters are continuously clocked by the bus clock in run and wait mode. In stop mode, the clock is generated by an RC-oscillator in the port integration module. To maximize current saving the RC oscillator runs only if the following condition is true on any pin individually: Sample count <= 4 and interrupt enabled (PIE = 1) and interrupt flag not set (PIF = 0). 23.0.9 Expanded Bus Pin Functions All peripheral ports T, S, M, P, H, J, AD0, and AD1 start up as general purpose inputs after reset. Depending on the external mode pin condition, the external bus interface related ports A, B, C, D, E, and K start up as general purpose inputs on reset or are configured for their alternate functions. Table 23-69. Pulse Detection Criteria Pulse Mode STOP Unit STOP1 1. These values include the spread of the oscillator frequency over temperature, voltage and process. Ignored tpulse ≤ 3 Bus clocks tpulse ≤ tpign Uncertain 3 < tpulse < 4 Bus clocks tpign < tpulse < tpval Valid tpulse ≥ 4 Bus clocks tpulse ≥ tpval Glitch, filtered out, no interrupt flag set Valid pulse, interrupt flag set tpign tpval uncertain tpulse |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |