Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS2G151MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCS2G151MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2G151MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UCS2G151MHD Datasheet HTML 1Page - Nichicon corporation UCS2G151MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
CS
series
ALUMINUM ELECTROLYTIC CAPACITORS
V
10
´ 16
10
´ 20
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 20
16
´ 25
18
´ 31.5
320
500
650
750
1180
1275
1420
1420
1890
2370
3130
10
´ 16
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 20
16
´ 20
16
´ 20
16
´ 25
18
´ 25
18
´ 35.5
320
500
650
980
1300
1380
1420
1890
2365
3220
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 20
16
´ 20
16
´ 20
16
´ 25
18
´ 25
18
´ 31.5
350
500
800
980
1300
1380
1530
1940
3130
10
´ 16
10
´ 20
12.5
´ 20
16
´ 20
16
´ 20
16
´ 25
18
´ 20
18
´ 25
18
´ 25
280
350
650
900
1080
1400
1375
1530
1575
10
´ 16
10
´ 20
12.5
´ 20
12.5
´ 20
16
´ 20
16
´ 25
18
´ 20
18
´ 25
18
´ 25
280
350
550
760
900
1180
1180
1470
1525
10
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
18
´ 25
18
´ 31.5
280
450
600
730
980
980
1200
1575
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
fD
´ L (mm)
: Rated Ripple (mArms) at 105¡C 100kHz
: In this case, 6 will be put at 12th digit
of type numbering system.
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz ~
1.00
Dimensions
Frequency coefficient of rated ripple current
Cap
Code
6.8
10
15
22
33
47
68
82
100
150
220
330
6R8
100
150
220
330
470
680
820
101
151
221
331



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com