Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

770-RK7011-100G Datasheet(PDF) 2 Page - DFI Inc

Part # 770-RK7011-100G
Description  Rockchip Processor Qseven
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RK7011-100G Datasheet(HTML) 2 Page - DFI Inc

  770-RK7011-100G Datasheet HTML 1Page - DFI Inc 770-RK7011-100G Datasheet HTML 2Page - DFI Inc 770-RK7011-100G Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
eMMC 8G
SPI ROM
(Option)
uSD Socket
(Option)
Debug
Header
DIP Switch
x4
MRAM 1Mb
MR25H10
Camera-IF
Connector
(Option)
MECHANICAL DRAWING
BLCOK DIAGRAM
Rockchip
RK3568
Quad Core
Cortex-A55
Up to 2GHz
Q7
MXM
230pin
Golden
Finger
PHY
10/100/1000
RTL8211F-CG
PCIe 3.0
Clock Gen
PI6C557-03BLE
RGMII 1
DDR4 32bit
eMMC
FSPI
SD
UART2
SPI1_CS0_M1
MIPI-CSI
GPIO x4
PCIe Clock
SATA (0)
I2S
eDP / LVDS
USB 2.0 4x
DP / TMDS
UART1_M0 TX/RT/RTS/CTS
SATA (1)
I2C
CAN2_M0
USB 3.2 (for 1 USB-A port only)
PCIe 3.0 2x
UART4_M1 TX/RX
MDI
PCIe Clock
PCIe Gen2
(Optional)
SPI2_M0x5 SPI3_M1x4 / pin 185-192 Pin69,71
SPI0_M1
SPI0 TPM 2.0 SLB9672
(Optional)
RTC
S35390A
Rockchip
RK809 PMIC
I2C5_M0
I2C0
I2S1
VBAT (3V)
5V
DDR4 x16 Max
3200MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com