Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF620S Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # IRF620S
Description  Power MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

IRF620S Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  IRF620S Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N Channel
IRF620S
Power MOSFET
V
DSS = 200V, RDS(on) = 0.80 ohm, ID = 5.2 A
Symbol
D
G
S
Source
Gate
Drain
ELECTRICAL CHARACTERISICS at
Parameter
Unit
Symbol
Test Conditions
V(BR)DSS
Drain to Source Breakdown Voltage
VGS = 0 VDC,
Volt
Tj = 25 C Maximum. Unless stated Otherwise
Value
Drain to Source Leakage Current
IGSS
VDS = 200VDC, VGS = 0VDC
Typ
Min
Max
200
-
-
C
Tj=125
VDS = 160VDC, VGS = 0VDC
25
-
-
--
250
Gate to Source Leakage Current
IDSS
VGS = +20VDC
100
-
-
--
-100
nA
nA
VGS = -20VDC
Gate Threshold Voltage
VDS = VGS,
VGS(th)
Volt
2.0
-
Static Drain to Source On - Resistance RDS(on) VGS= 10VDC, ID = 3.1A
Gate Charge
QG
ID = 4.8A
nC
Gate to Source Charge
QGS
Gate to Drain Charge
QGD
14
-
-
-
x
x
nC
nC
Input Capacitance
VDS = 25VDC, VGS= 0VDC, f = 1.0MHZ
Output Capacitance
Transfer Capacitance
CISS
COSS
CRSS
pF
pF
pF
-
-
-
-
-
-
260
100
30
Turn On Delay Time
Turn Off Delay Time
Rise Time
Fall Time
td(on)
tr
td(off)
tf
--
--
7.2
22
--
19
--
13
nS
nS
nS
nS
VDD = 100VDC, ID = 4.8A, RG =18
RD = 20
Continuous Source Current
IS
Pulsed Source Current
Forward Voltage (Diode)
ISM
VSD
VGS = 0VDC, IS =5.2A,
A
A
V
5.2
-
-
--
18
-
-
W
Volt
MAXIMUM RATINGS
Gate to Source Voltage
Parameter
Unit
Drain to Source
Voltage
Amp
Continuous Drain Current
ID
Symbol
VGS
VDSS
Amp
Pulsed Drain Current
IDM
Total Power Dissapation
Thermal Resistance
(Junction to Ambient)
Condition
RTH (J-A)
PD
Value
(Tj = 25 C unless stated otherwise)
200
50
18
5.2
+/- 20V
(TA = 25 C)
62
Volt
µA
ID = 250µA
ID = 250µA
4.0
-
0.80
-
-
3.0
VDS = 160VDC,
VGS = 10VDC
7.9
1.8
Tp = 300µS
C/W
Mechanical Dimensions
Case SMB 220 Plastic
a
e
p
k
n
j
b
f
m
d
c
DIMENSIONS
Millimetres
Inches
Dim
Min
Min
Max
Max
a
b
c
d
e
f
g
h
j
k
m
n
p
9.85
10.67
0.380
0.420
14.61
15.88
0.575
0.625
1.65
0.065
8.51
9.65
0.335
0.380
1.27
1.78
0.050
0.070
4.08
4.83
0.180
0.190
1.15
1.400
0.045
0.055
0.38
0.77
0.015 0.029
2.54 Pitch
0.10 Pitch
0.51
0.99
0.020
0.038
0.51
0.89
0.020
0.35
g
1.14
1.40
0.045
0.055
1.78
2.79
0.070
0.110
Maximum Operating Temperature Range (Tj)
-55 to +150 OC
Maximum Storage Temperature Range (Tstg) -55 to +150 OC


Similar Part No. - IRF620S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF620S IRF-IRF620S Datasheet
198Kb / 6P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRF620S VISHAY-IRF620S Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
IRF620S VISHAY-IRF620S Datasheet
141Kb / 8P
Power MOSFET
30-May-11
IRF620S VISHAY-IRF620S Datasheet
217Kb / 9P
Power MOSFET
07-Sep-2020
logo
International Rectifier
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
More results

Similar Description - IRF620S

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com