Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EV-RAZOR-SWING-24M-PRO Datasheet(PDF) 2 Page - Evolt

Part # EV-RAZOR-SWING-24M-PRO
Description  RAZOR SWING 24M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

EV-RAZOR-SWING-24M-PRO Datasheet(HTML) 2 Page - Evolt

  EV-RAZOR-SWING-24M-PRO Datasheet HTML 1Page - Evolt EV-RAZOR-SWING-24M-PRO Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ektor.com.au
E: sales@evolt.com.au
P:1300 4EVOLT (438 658)
Ektor is dedicated to continuous product improvement. Datasheet is subject
to change without notice, E&OE. Images are for illustrative purposes only.
OPERATIONAL INFORMATION
GENERAL
Voltage
240V~ 50Hz
Ambient temp.
0 to 40°C
Class
1
IP rating
IP20
Wiring
Terminal block (1-16 mm □□)
Mounting type
Surface (suspended accessories)
Lamp power
0.7W
EMERGENCY
Emergency power 0.75W
Rated duration
90 / 120 min (1 / 3 / 4 / 8 hours, selectable)
Classification
C0: E6.3, C90:E16
BATTERY
CHARGE
Type
LiFePO
4
Type
Smart charge
Voltage
6.4 V
Time
16 Hours
Codes
01300
Operation
Multi-state
CONSTRUCTION
Viewing distance 24M
Decal size
300 x 150 mm
Body
PC
Diffuser
Acrylic
Gear tray
PC
COMPLIANCE
Standards
AS/NZS 60598.2.22
AS/NZS 2293.3
IEC 60598-2-22
IEC 62386-102
IEC 62386-202
IEC 62034
CISPR 15
NOTE: For more information on the chemical resistance of our polycarbonate or
our compliance documentation, please see our website.
PRODUCT RANGE
ORDER CODE
PRODUCT NUMBER SKU
QTY
EV-RAZOR-SWING-24M-PRO
Swing Slimblade Emergency Exit
9336462145456 14545
4
EV-RAZOR-SWING-24M-PRO-B
Swing Slimblade Emergency Exit, Black
9336462145463 14546
4
GENERAL FEATURES
■ Single and double sided decals
■ Soft-start charger to reduce building load
■ Available in low illumination area black model
■ Fast emergency switch-over (<0.5s) for high-task areas
BUILT TO LAST
■ Long life electronics
■ 10 Years Design Life – 100,000 hours at max. ambient
■ High Quality Lithium battery (LiFePO
4) and smart charger
SUITABLE INSTALLATION TYPES (OUT OF THE BOX)
■ Standalone (SPU)
■ Self test (AS2293/IEC62034)
■ DALI (IEC62386)
■ Ektor wired monitored system
360 mm
92 mm
230 mm
168 mm
92 mm
69 mm
TOTAL POWER CONSUMPTION (TPC)
MAINTAINED MODE
MAX.
AVG.
3.7 W
1.7 W
NOTE: Average power consumption calculated with the assumption of four
emergency events per year and that the battery charger is in standby at all
other times (above typical usage).
ACCESSORY RANGE
ORDER CODE
DESCRIPTION
EV-RAZOR-24M-RM-DECAL Razor Decal Pack (1xright, 1xleft and 1xstraight)
EV-RAZOR-24M-UPDN
Razor Decal Pack (1xUp and 1xDown)
EV-1000MAH-6.4V-LIFEPO4 1000mAH 6.4V 2 Cell LiFePO4 Battery
EV-WIREDBYCLICK-2.4M-F&P Wire By Click 5-Pin Lead L1025/5, 2.4M
EV-WIELAND-2.4M-F&P
Wieland Plug GST18I5S B1 ZR1 S PB02, 2.4M
EV-CMS-2.4M-5PIN
CMS 5 Pin Plug Set, 2.4M
EV-WAGO-2.4M-F&P
WAGO Plug 5-P Blue 51110475, 2.4M
EV-CMS-2.4M-6PIN
CMS 6 Pin Plug Set, 2.4M
RAZOR SWING EMERGENCY EXIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com