Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DL-3308-HSAS Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # DL-3308-HSAS
Description  1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3308-HSAS Datasheet(HTML) 2 Page - Optoway Technology Inc

  DL-3308-HSAS Datasheet HTML 1Page - Optoway Technology Inc DL-3308-HSAS Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optoway
DL-3300
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2003 V1.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D
L
− 3 3 □ □ □ − □
□ □
□
Code
Pout (mw)
Code
Flange
Code
Isolator
0
0.2
V
Vertical
Blank
No
1
0.5
H
Horizontal
S
Single-Stage
2
1
X
No Flange
3
2
Code
Connector
Code
Speed
S
SC/PC
Code Pin Assignment
Blank
1.25 Gbps
F
FC/PC
0
Type A
S
2.5 Gbps
T
ST/PC
5
Type B
X
No connector
8
Type C
SA
SC/APC
FA
FC/APC
TA
ST/APC
DL-330X
DL-331X
DL-332X
DL-333X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com