Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X130 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI7C9X130
Description  PCI Express to PCI-X Reversible Bridge
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X130 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI7C9X130 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
PI7C9X130
PCI EXPRESS TO PCI-X BRIDGE
Page 13 of 157
PERICOM SEMICONDUCTOR
September 2007 - Rev 1.2
1
INTRODUCTION
PI7C9X130 is a PCIe-to-PCI/PCI-X bridge. PI7C9X130 is compliant with the PCI Express Base
Specification, Revision 1.1, the PCI Express Card Electromechnical Specification, Revision 1.1, the PCI
Local Bus Specification, Revision 3.0 and PCI Express to PCI/PCI-X Bridge Specification, Revision 1.0.
PI7C9X130 supports transparent and non-transparent mode of operations. Also, PI7C9X130 supports
forward and reverse bridging. In forward bridge mode, PI7C9X130 has an x4 PCI Express upstream port
and a 64-bit PCI/PCI-X downstream port. The 64-bit PCI-X downstream port is 133MHz capable (see
Figure 1-1). In reverse bridge mode, PI7C9X130 has a 64-bit PCI-X upstream port and an x4 PCI
Express downstream port. PI7C9X130 configuration registers are backward compatible with existing
PCI bridge software and firmware. No modification of PCI bridge software and firmware is needed for
the original operation.
Figure 1-1 PI7C9X130 Topology
X4 PCI Express Link
PCI-X 64-bit,
133MHz Bus
Rx
Tx
1.1
PCI EXPRESS FEATURES
•
Compliant with PCI Express Base Specification, Revision 1.1
•
Compliant with PCI Express Card Electromechnical Specification, Revision 1.1
•
Compliant with PCI Express to PCI/PCI-X Bridge Specification, Revision 1.0
•
Physical Layer interface (x4 link with 2.5Gb/s data rate)
•
Lane polarity toggle
•
Virtual isochronous support (upstream TC1-7 generation, downstream TC1-7 mapping)
•
ASPM support
•
Beacon support
•
CRC (16-bit), LCRC (32-bit)
•
ECRC and advanced error reporting
•
PRBS (Pseudo Random Bit Sequencing) generator/checker for chip testing
•
Maximum payload size to 512 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com