Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8412ARM-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8412ARM-EVALZ
Description  −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8412ARM-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  AD8412ARM-EVALZ Datasheet HTML 1Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 2Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 3Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 4Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 5Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 6Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 7Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 8Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Data Sheet
AD8412A
analog.com
Rev. 0
4 of 32
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = −40°C to +125°C (operating temperature range), supply voltage (VS) = 5V, ground (GND) = 0V, input common-
mode voltage (VCM) = −IN, +IN = 12V, and VREF1 = VREF2 = 2.5V, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN
Initial
10
V/V
Error Over Temperature
Specified temperature range
0.11
%
Initial Gain vs. Temperature
±2.7
ppm/°C
VOLTAGE OFFSET, Referred to Input (RTI)
Over Temperature
Specified temperature range1
±200
µV
Offset Drift
Box method (see Figure 56)
±0.30
±0.87
µV/°C
Bowtie method (-40°C to
25°C) (see Figure 57)
±2.07
µV/°C
Bowtie method (25°C to
125°C) (see Figure 57)
±1.68
µV/°C
INPUT
Total Input-Bias Current2
+IN = −IN = 0V, VS = VREF1 = 5V,
VREF2 = 0V
−10.0
µA
+IN = −IN = 12V, VS = VREF1 =
VREF2 = 0V, TA = 25°C
47
µA
+IN = −IN = 12V, VS = VREF1 = 5V,
VREF2 = 0V
350
µA
+IN = −IN = 50V, VS = VREF1 =
VREF2 = 0V, TA = 25°C
196
µA
+IN = −IN = 50V, VS = VREF1 = 5V,
VREF2 = 0V
484
µA
Input Offset Current
+IN = −IN = 0V
1.0
µA
+IN = −IN = 12V
2.5
µA
+IN = −IN = 50V
2.7
µA
Input Voltage Range
Common-mode, continuous
−2
+50
V
Common-Mode Rejection
Ratio (CMRR)
Specified temperature range,
DC, VCM = −2V to +50V
110
131
dB
TA = 25°C, frequency = 10kHz
111
dB
TA = 25°C, frequency = 50kHz
97
dB
OUTPUT
Voltage Swing to GND (OUT
- GND)
Load resistance (RL) = 10kΩ
5
mV
Voltage Swing to VS (VS −
OUT)
Load resistance (RL) = 10kΩ
16
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com