Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H563ZI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32H563ZI
Description  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563ZI Datasheet(HTML) 1 Page - STMicroelectronics

  STM32H563ZI Datasheet HTML 1Page - STMicroelectronics STM32H563ZI Datasheet HTML 2Page - STMicroelectronics STM32H563ZI Datasheet HTML 3Page - STMicroelectronics STM32H563ZI Datasheet HTML 4Page - STMicroelectronics STM32H563ZI Datasheet HTML 5Page - STMicroelectronics STM32H563ZI Datasheet HTML 6Page - STMicroelectronics STM32H563ZI Datasheet HTML 7Page - STMicroelectronics STM32H563ZI Datasheet HTML 8Page - STMicroelectronics STM32H563ZI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
•
Plug-and-play rapid evaluation of all MEMS sensors
•
Compatible with all ST MEMS DIL24 adapter boards
•
User-friendly MEMS Studio GUI evaluation software to manage and analyze MEMS
sensor data
•
Supports I²C, I3C, SPI, and TDM communication interfaces
•
Software-adjustable power circuitry to set sensor supply voltage from 0 to 3.6 V on VDD
and VDDIO pins of the DIL24 adapter board
•
Onboard measurement of supply current
•
Firmware update via USB
•
SD card slot (SD card not included)
•
USB Type-C® connector
•
RoHS compliant
•
CE certified
Description
STEVAL-MKI109D is an evaluation platform that allows engineers to monitor the
behavior of ST MEMS sensorsn and maximize the performance of new product
designs, accelerating time to market.
This board is compatible with ST MEMS adapter boards and supports I2C, I3C, SPI,
and TDM communication interfaces for very high output data rates.
This professional MEMS tool features a high-performance STM32H563ZI
microcontroller and flexible power management with software-adjustable power
circuitry that allows you to set the sensor supply voltage from 0 to 3.6 V and replicate
the operating conditions in the target application.
The motherboard includes accurate power monitoring of sensor supply voltage and
current, so external instruments are not required.
You can run the MEMS-Studio graphical user interface (GUI) on a host PC to
manage the data flow from MEMS sensors and analyze sensor waveforms, which
can help you explore the operating modes and power settings to optimize sensor
performance and accuracy in your application. Firmware for the STEVAL-MKI109D is
also available in the MEMS Studio software solution.
The STM32H563ZI Arm Cortex®-M33 microcontroller with DSP and FPU can
process much more than sensor readings such as barometric pressure and
accelerometer or gyroscope data. It can handle complex datasets like optical or
electronic image stabilization (OIS and EIS, respectively) from ST’s advanced 6-axis
inertial measurement units (IMUs) and can be used to evaluate the latest generation
of high-resolution MEMS sensors for automotive, consumer, and industrial
applications.
Product summary
Professional MEMS
tool: evaluation board
for all ST MEMS
sensors
STEVAL-
MKI109D
High-performance, Arm
Cortex®-M33 with
TrustZone, MCU with 2-
MByte Flash, 640-Kbyte
RAM, 250 MHz CPU
STM32H563ZI
Software solution for
MEMS sensors with
graphical no-code
design of algorithms
and development of
embedded AI features
MEMS-Studio
Professional MEMS tool: evaluation board for all ST MEMS sensors
STEVAL-MKI109D
Data brief
DB5340 - Rev 2 - January 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32H563ZI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H563ZI STMICROELECTRONICS-STM32H563ZI Datasheet
5Mb / 270P
Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
02-Jan-2025
More results

Similar Description - STM32H563ZI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GG1178 ETC1-GG1178 Datasheet
71Kb / 2P
MEMS Rotational Rate Sensors
logo
STMicroelectronics
STEVAL-MKI012V1 STMICROELECTRONICS-STEVAL-MKI012V1 Datasheet
114Kb / 4P
MEMS analog output evaluation board based on LIS3L06AL
16-Oct-2007
TN0018 STMICROELECTRONICS-TN0018 Datasheet
224Kb / 9P
Surface mounting guidelines for MEMS sensors
24-Mar-2014
logo
TDK Electronics
AN-000012 TDK-AN-000012 Datasheet
212Kb / 4P
Differential Analog Output MEMS Microphone Flex Evaluation Board
AN-000013 TDK-AN-000013 Datasheet
161Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board
AN-000048 TDK-AN-000048 Datasheet
145Kb / 3P
PDM Digital Output MEMS Microphone Flex Evaluation Board
AN-000088 TDK-AN-000088 Datasheet
146Kb / 3P
I2S Output MEMS Microphone Flex Evaluation Board
UG-118 TDK-UG-118 Datasheet
150Kb / 2P
Bottom Port Digital MEMS Microphone Evaluation Board
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
STMicroelectronics
X-NUCLEO-IKS02A1 STMICROELECTRONICS-X-NUCLEO-IKS02A1 Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com