Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S10
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S10 Datasheet HTML 2Page - STMicroelectronics ST1S10 Datasheet HTML 3Page - STMicroelectronics ST1S10 Datasheet HTML 4Page - STMicroelectronics ST1S10 Datasheet HTML 5Page - STMicroelectronics ST1S10 Datasheet HTML 6Page - STMicroelectronics ST1S10 Datasheet HTML 7Page - STMicroelectronics ST1S10 Datasheet HTML 8Page - STMicroelectronics ST1S10 Datasheet HTML 9Page - STMicroelectronics ST1S10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical characteristics
ST1S10
6/26
4
Electrical characteristics
Table 5.
Electrical characteristics
VIN = VIN_SW = VIN_A = VINH = 12 V, VSYNC = GND, VOUT = 5 V, IOUT = 10 mA, CIN = 4.7 µF
+0.1 µF, COUT = 22 µF, L1 = 3.3 µH, TJ = -25 to 125°C (Unless otherwise specified, refer to
the typical application circuit. Typical values assume TJ = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VFB
Feedback voltage
TJ = 25°C
784
800
816
mV
TJ = -25°C to 125°C
776
800
824
mV
IFB
VFB pin bias current
600
nA
IQ
Quiescent current
VINH > 1.2 V, not switching
1.5
2.5
mA
VINH < 0.4 V
2
6
µA
IOUT
Output current (1)
VIN = 2.5 V to 18 V
VOUT = 0.8 V to 13.6 V
(2)
3.0
A
VINH
Inhibit threshold
Device ON
1.2
V
Device OFF
0.4
V
IINH
Inhibit pin current
2
µA
%VOUT/ΔVIN Reference line regulation
2.5 V < VIN < 18 V
0.4
%VOUT/
ΔVIN
%VOUT/
ΔIOUT
Reference load regulation
10 mA < IOUT < 3 A
0.5
%VOUT/
ΔIOUT
PWM fs
PWM switching frequency
VFB = 0.7 V, Sync = GND
TJ = 25°C
0.7
0.9
1.1
MHz
DMAX
Maximum duty cycle (2)
85
90
%
RDSon-N
NMOS switch on resistance
ISW = 750 mA
0.10
Ω
RDSon-P
PMOS switch on resistance
ISW = 750 mA
0.12
Ω
ISWL
Switch current limitation
5.0
A
ν
Efficiency
IOUT = 100 mA to 300 mA
85
%
IOUT = 300 mA to 3 A
90
%
TSHDN
Thermal shut down
150
°C
THYS
Thermal shut down hysteresis
15
°C
VOUT/ΔIOUT Output transient response
100 mA < IOUT < 1 A,
tR = tF ≥ 500 ns
±5%VO
VOUT/ΔIOUT
@IO=short
Short circuit removal response
(overshot)
10 mA < IOUT < short
±10
%VO
FSYNC
SYNC frequency capture range
VIN = 2.5 V to 18 V,
VSYNC = 0 to 5 V
0.4
1.2
MHz
SYNCWD
SYNC pulse width
VIN = 2.5 V to 18 V
250
ns
VIL_SYNC
SYNC input threshold low
VIN = 2.5 V to 18 V
0.4
V
VIH_SYNC
SYNC input threshold high
VIN = 2.5 V to 18 V
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com