Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4239 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 25Page - Cirrus Logic CS4239 Datasheet HTML 26Page - Cirrus Logic CS4239 Datasheet HTML 27Page - Cirrus Logic CS4239 Datasheet HTML 28Page - Cirrus Logic CS4239 Datasheet HTML 29Page - Cirrus Logic CS4239 Datasheet HTML 30Page - Cirrus Logic CS4239 Datasheet HTML 31Page - Cirrus Logic CS4239 Datasheet HTML 32Page - Cirrus Logic CS4239 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
The audio data interface typically uses DMA re-
quest/grant pins to transfer the digital audio data
between the WSS Codec and the bus. The WSS
Codec is responsible for asserting a request sig-
nal whenever the Codec’s internal buffers need
updating. The bus responds with an acknowledge
signal and strobes data to and from the Codec,
8 bits at a time. The WSS Codec keeps the re-
quest pin active until the appropriate number of
8-bit cycles have occurred to transfer one audio
sample. Note that different audio data types will
require a different number of 8-bit transfers.
DMA Interface
The second type of parallel bus cycle from the
WSS Codec is a DMA transfer. DMA cycles are
distinguished from PIO register cycles by the as-
se rt ion
of
a
DR Q
fol lowe d
b y
a n
acknowledgment by the host by the assertion of
DACK (with AEN high). While the acknow-
ledgment is received from the host, the WSS
Codec assumes that any cycles occurring are
DMA cycles and ignores the addresses on the
address lines.
The WSS Codec may assert the DMA request
signal at any time. Once asserted, the DMA re-
quest will remain asserted until a complete DMA
cycle occurs to the part. DMA transfers may be
terminated by resetting the PEN and/or CEN bits
in the Interface Configuration register (I9), de-
pending on the DMA that is in progress
(playback, capture, or both). Termination of
DMA transfers may only happen between sample
transfers on the bus. If DRQ goes active while
resetting PEN and/or CEN, the request must be
acknowledged with DACK and a final sample
transfer completed.
DMA CHANNEL MAPPING
Mapping of the WSS Codec’s DRQ and DACK
onto the ISA bus is accomplished by the Plug
and Play configuration registers. If the Plug and
Play resource data specifies only one DMA
channel for the Codec (or the codec is placed in
SDC mode) then both the playback and capture
DMA requests should be routed to the same
DRQ/DACK pair (DMA Channel Select 0). If
the Plug and Play resource data specifies two
DMA channels for the Codec, then the playback
DMA request will be routed to the DMA pair
specified by the DMA Channel Select 0 resource
data, and the capture DMA requests will be
routed to the DMA pair specified by the DMA
Channel Select 1 resource data.
DUAL DMA CHANNEL MODE
The WSS Codec supports a single and a dual
DMA channel mode. In dual DMA channel
mode, playback and capture DMA requests and
acknowledges occur on independent DMA chan-
nels. In dual DMA mode, SDC should be set to
0. The Playback- and Capture-Enables (PEN,
CEN, I9) can be changed without a Mode
Change Enable (MCE, R0).
This allows for
proper full duplex control where applications are
independently using playback and capture.
SINGLE DMA CHANNEL (SDC) MODE
When two DMA channels are not available, the
SDC mode forces all DMA transfers (capture or
playback) to occur on a single DMA channel
(playback channel). The trade-off is that the
WSS Codec will no longer be able to perform
simultaneous DMA capture and playback.
To enable the SDC mode, set the SDC bit in the
Interface Configuration register (I9). With the
SDC bit asserted, the internal workings of the
WSS Codec remain exactly the same as dual
mode, except for the manner in which DMA re-
quest and acknowledges are handled.
The playback of audio data will occur on the
playback channel exactly as dual channel opera-
tion; however, the capture audio channel is now
diverted to the playback channel. Alternatively
stated, the capture DMA request occurs on DMA
channel select 0 for the WSS Codec. (In
MODEs 2 and 3, the capture data format is al-
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com