Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE10-VMP6G Datasheet(PDF) 38 Page - STMicroelectronics

Part # M25PE10-VMP6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMP6G Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M25PE10-VMP6G Datasheet HTML 34Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 35Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 36Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 37Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 38Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 39Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 40Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 41Page - STMicroelectronics M25PE10-VMP6G Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
Instructions
M25PE20, M25PE10
38/60
6.12
Page Erase (PE)
The Page Erase (PE) instruction sets to 1 (FFh) all bits inside the chosen page. Before it can
be accepted, a Write Enable (WREN) instruction must previously have been executed. After
the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable
Latch (WEL).
The Page Erase (PE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address Bytes on Serial Data Input (D). Any address inside the
Page is a valid address for the Page Erase (PE) instruction. Chip Select (S) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 19.
Chip Select (S) must be driven High after the eighth bit of the last address Byte has been
latched in, otherwise the Page Erase (PE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed Page Erase cycle (whose duration is tPE) is initiated.
While the Page Erase cycle is in progress, the Status Register may be read to check the
value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-
timed Page Erase cycle, and is 0 when it is completed. At some unspecified time before the
cycle is complete, the Write Enable Latch (WEL) bit is reset.
A Page Erase (PE) instruction applied to a page that is Hardware Protected is not executed.
Any Page Erase (PE) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 19.
Page Erase (PE) instruction sequence
1.
Address bits A23 to A18 are Don’t Care in the M25PE20. Address bits A23 to A17 are Don’t Care in the
M25PE10.
24 Bit Address
C
D
AI04046
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com