Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25PE20-VMP6G Datasheet(PDF) 58 Page - STMicroelectronics

Part # M25PE20-VMP6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE20-VMP6G Datasheet(HTML) 58 Page - STMicroelectronics

Back Button M25PE20-VMP6G Datasheet HTML 52Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 53Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 54Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 55Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 56Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 57Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 58Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 59Page - STMicroelectronics M25PE20-VMP6G Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Part numbering
M25PE20, M25PE10
58/60
13
Part numbering
Note:
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 50 MHz (0.11 µm, process digit ‘4’), please
contact your nearest ST Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 27.
Ordering information scheme
Example:
M25PE20
–
V MN 6
T G
Device Type
M25PE = Page-Erasable Serial Flash memory
Device Function
10 = 1 Mbit (128K x 8)
20 = 2 Mbit (256K x 8)
Operating Voltage
V = VCC = 2.7 V to 3.6 V
Package
MN = SO8N (150 mil width)
MP = VFQFPN8 6 × 5 mm (MLP8)(1)
1.
Package only available for products in the T9HX process.
Device Grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com