Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS488IQT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS488IQT
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488IQT Datasheet(HTML) 4 Page - STMicroelectronics

  TS488IQT Datasheet HTML 1Page - STMicroelectronics TS488IQT Datasheet HTML 2Page - STMicroelectronics TS488IQT Datasheet HTML 3Page - STMicroelectronics TS488IQT Datasheet HTML 4Page - STMicroelectronics TS488IQT Datasheet HTML 5Page - STMicroelectronics TS488IQT Datasheet HTML 6Page - STMicroelectronics TS488IQT Datasheet HTML 7Page - STMicroelectronics TS488IQT Datasheet HTML 8Page - STMicroelectronics TS488IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Absolute maximum ratings and operating conditions
TS488-TS489
4/32
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage
-0.3V to VCC +0.3V
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
MiniSO-8
DFN8
215
70
°C/W
Pdiss
Power dissipation(2):
MiniSO-8
DFN8
2.
Pdiss is calculated with Tamb = 25°C, Tj = 150°C.
0.58
1.79
W
ESD
Human body model (pin to pin)
2
kV
ESD
Machine model
220pF - 240pF (pin to pin)
200
V
Latch-up
Latch-up immunity (all pins)
200
mA
Lead temperature (soldering, 10sec)
250
°C
Output short-circuit to VCC or GND
continuous (3)
3.
Attention must be paid to continuous power dissipation (VDD x 250mA). Short-circuits can cause excessive
heating and destructive dissipation. Exposing the IC to a short-circuit for an extended period of time will
dramatically reduce the product’s life expectancy.
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
RL
Load resistor
≥ 16
Ω
Toper
Operating free air temperature range
-40 to + 85
°C
CL
Load capacitor:
RL = 16 to 100Ω
RL > 100Ω
400
100
pF
VSTBY
Standby voltage input:
TS488 active, TS489 in standby
TS488 in standby, TS489 active
1.5
≤ V ≤ VCC
GND
≤ VSTBY ≤ 0.4 (1)
1.
The minimum current consumption (ISTBY) is guaranteed at GND (TS488) or VCC (TS489) for the whole
temperature range.
V
Rthja
Thermal resistance junction to ambient
MiniSO-8
DFN8(2)
2.
When mounted on a 4-layer PCB.
190
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com