Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCI200-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCI200-DOC
Description  PCI Carrier for 4 Industry Packs®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCI200-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCI200-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCI200-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCI200
PCI Carrier for 4 Industry Packs
®
Application Information
The TPCI200 is a standard 33 MHz 32 bit PCI Carrier for
up to four single-size or two double-size IndustryPack (IP)
modules used to build modular, flexible and cost effective
I/O solutions for applications in process control, medical
systems, telecommunication and traffic control.
Four 50 pin 0.1 inch flat ribbon cable connectors provide
access to all IP I/O lines. Status indicators for IP access,
+5V and +/-12V are provided.
The TPCI200 can operate with 3.3V and 5.0V PCI I/O
signaling voltage for I/O. This guaranties compatibility with
nearly all PC mainboards. 3.3V required by on board logic
is generated locally.
All IP interrupt request lines are mapped to PCI INTA. For
fast interrupt source detection, the TPCI200 provides a
special IP interrupt status register.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
to +85°C.
Software
Support
(CARRIER-SW-xx)
for
different
operating systems is available.
Technical Information
 PCI Card Interface
 PCI 2.2 compliant interface
 Size: 107 mm x 270 mm
 PCI I/O signaling voltage: 3.3V or 5.0V
 ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
 IndustryPack slots: Four single-size or two
double-size
 8/32 MHz interface, no DMA
 8 Mbyte memory space per IP
 Routing of all IP interrupts to PCI INTA, local
interrupt status register
 I/O access: 50 pin 0.1 inch flat ribbon cable
connector per IP
 Status LED’s
 ACK LED for each IP module
 +5V Power LED for each IP slot
 +12V and –12V Power LED
 Self Healing fuses and RF-filtering on all IP power
lines
 Operating temperature -40°C to +85°C
.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCI200-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCI270 TEWS-TPCI270 Datasheet
134Kb / 2P
PMC Carrier for PCI Card Interface
2017-08-31
TPCI270-10R TEWS-TPCI270-10R Datasheet
134Kb / 2P
PMC Carrier for PCI Card Interface
2017-08-31
TPCI270-20R TEWS-TPCI270-20R Datasheet
134Kb / 2P
PMC Carrier for PCI Card Interface
2017-08-31
TPCI270-DOC TEWS-TPCI270-DOC Datasheet
134Kb / 2P
PMC Carrier for PCI Card Interface
2017-08-31
More results

Similar Description - TPCI200-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058 TI-BQ2058 Datasheet
157Kb / 14P
Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
logo
Advantech Co., Ltd.
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
6U CompactPCI짰 PCI Carrier Board
logo
BesTech Power Co., Ltd
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
For 64V 20S LiFePO4 Battery Packs
logo
Renesas Technology Corp
PES10T4BG2 RENESAS-PES10T4BG2 Datasheet
1Mb / 32P
10-Lane 4-Port Gen2 PCI Express® Switch
February 2, 2010
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com