Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCI270-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCI270-DOC
Description  PMC Carrier for PCI Card Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCI270-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCI270-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCI270-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCI270
PMC Carrier for PCI Card Interface
Application Information
The TPCI270 is a standard 33 MHz, 32 bit PCI carrier for
a single PMC Card. It provides PMC front I/O and PMC
P14 rear I/O. This PMC to PCI adapter is used to build
modular, flexible and cost effective I/O solutions with PMC
devices in standard PCI systems.
The TPCI270 is used as a mechanical adapter to connect
a PMC module into standard PCI bus based systems.
Operation with 3.3V and 5.0V PCI I/O signaling voltage
guaranties compatibility with nearly all PC main boards.
The TPCI270-2xR provides a local 3.3V Generation with a
typical current limit of 2A for PC mainboards that do not
support 3.3V as PCI supply voltage.
The TPCI270 offers standard PMC front I/O and PMC P14
rear I/O routed to a VME P2 style connector (603-2-IEC-
C064-M).
Operating temperature range is -40°C to +85°C.
Technical Information
 PCI Card Interface, PCI 2.2 compliant interface
 One PMC sites conforming to PMC standard
(IEEE 1386)
 PCI Interface: 33 MHz; 32 bit
 PCI I/O signaling voltage: 3.3V or 5.0V PCI 2.2
compliant interface
 Front panel I/O
 PMC P14 rear I/O connected to VME P2 style
connector (603-2-IEC-C064-M)
 Size: 107 mm x 170 mm
 Operating temperature -40°C to +85°C
.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCI270-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCI200 TEWS-TPCI200 Datasheet
126Kb / 2P
PCI Carrier for 4 Industry Packs®
2017-08-31
TPCI200-10R TEWS-TPCI200-10R Datasheet
126Kb / 2P
PCI Carrier for 4 Industry Packs®
2017-08-31
TPCI200-DOC TEWS-TPCI200-DOC Datasheet
126Kb / 2P
PCI Carrier for 4 Industry Packs®
2017-08-31
More results

Similar Description - TPCI270-DOC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC82247S BEL-APC82247S Datasheet
292Kb / 2P
T1/E1/J1 SMD Line Interface Hybrid for PMC Octal LIU
logo
Advantech Co., Ltd.
MIC-3665 ADVANTECH-MIC-3665 Datasheet
119Kb / 1P
Dual Gigabit Ethernet PCI-X PMC
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
6U CompactPCI짰 PCI Carrier Board
logo
TRINAMIC Motion Control...
CANNES TRINAMIC-CANNES Datasheet
339Kb / 1P
CAN interface PCI Card
logo
National Instruments Co...
NIVXI-PCI80XX NI-NIVXI-PCI80XX Datasheet
632Kb / 4P
VXIbus Interface Kits for PCI
778040-01 NI-778040-01 Datasheet
560Kb / 3P
GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
CPCI-6615 ETC2-CPCI-6615 Datasheet
498Kb / 2P
PCI-X 64-bit/133MHz PMC slot
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com