Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS16KM-10 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FS16KM-10
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS16KM-10 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FS16KM-10 Datasheet HTML 1Page - Powerex Power Semiconductors FS16KM-10 Datasheet HTML 2Page - Powerex Power Semiconductors FS16KM-10 Datasheet HTML 3Page - Powerex Power Semiconductors FS16KM-10 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS16KM-10
HIGH-SPEED SWITCHING USE
102
7
5
3
2
100
100
23
5 7 101
101
7
5
3
2
23
5 7 102
TC = 25°C
VDS = 10V
Pulse Test
125°C
75°C
104
7
5
3
2
103
7
5
3
2
102
7
5
3
2
101
35 7 100 23 5 7 101 2
2
33
57 102
Tch = 25°C
f = 1MHz
VGS = 0V
Ciss
Coss
Crss
20
16
12
8
4
0
0
4
8
12
16
20
ID = 25A
TC = 25°C
Pulse Test
16A
8A
40
32
24
16
8
0
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
103
7
5
3
2
101
100
23
5 7 101
102
7
5
3
2
23
5 7 102
Tch = 25°C
VDD = 200V
VGS = 10V
RGEN = RGS = 50
Ω
tf
td(off)
tr
td(on)
0
23
10–1
57 100 23 5 7 101 23 5 7 102
1.0
0.8
0.6
0.4
0.2
TC = 25°C
Pulse Test
VGS = 10V
20V
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com