Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCP-BLP2 Datasheet(PDF) 2 Page - Metcal

Part # TCP-BLP2
Description  Dual Output 60W Solder / Rework Station Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

TCP-BLP2 Datasheet(HTML) 2 Page - Metcal

  TCP-BLP2 Datasheet HTML 1Page - Metcal TCP-BLP2 Datasheet HTML 2Page - Metcal TCP-BLP2 Datasheet HTML 3Page - Metcal TCP-BLP2 Datasheet HTML 4Page - Metcal TCP-BLP2 Datasheet HTML 5Page - Metcal TCP-BLP2 Datasheet HTML 6Page - Metcal TCP-BLP2 Datasheet HTML 7Page - Metcal TCP-BLP2 Datasheet HTML 8Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Metcal MFR-2200 Series
Dual 60W Solder / Rework Station
www.metcal.com
8/2016
Pg 2
Each system includes
1 Tip Cleaner per
hand-piece
SxP Soldering
Cartridges
See pg. 4
SxV
Soldering Tips
See pgs. 6 - 7
G
Part No.
Photo Qty. Description
MFR-2210
1
Solder Station w/Solder Cartridge Hand-piece
Includes:
MFR-PS2200
A
1
MFR-PS2200 Power Supply (60W per output)
MFR-H1-SC2
B
1
Soldering Cartridge Hand-piece
WS1
E
1
Universal Soldering Workstand
SxP & RxP Cart.
G
Soldering/Rework Cartridges (SOLD SEPARATELY)
MFR-2211
2
Solder Station w/2 Solder Cartridge Hand-pieces
Includes:
MFR-PS2200
A
1
MFR-PS2200 Power Supply (60W per output)
MFR-H1-SC2
B
2
Soldering Cartridge Hand-piece
WS1
E
2
Universal Soldering Workstand
SxP & RxP Cart.
G
Soldering/Rework Cartridges (SOLD SEPARATELY)
MFR-2220
3
Solder Station w/Solder Tip Hand-piece
Includes:
MFR-PS2200
A
1
MFR-PS2200 Power Supply (60W per output)
MFR-H2-ST2
C
1
Soldering Tip Hand-piece
WS1
E
1
Universal Soldering Workstand
SxV & CxV Tips
H
Soldering/Blade Tips (SOLD SEPARATELY)
MFR-2222
4
Solder Station w/2 Solder Tip Hand-pieces
Includes:
MFR-PS2200
A
1
MFR-PS2200 Power Supply (60W per output)
MFR-H2-ST2
C
2
Soldering Tip Hand-piece
WS1
E
2
Universal Soldering Workstand
SxV & CxV Tips
H
Soldering/Blade Tips (SOLD SEPARATELY)
MFR-2240
5
Solder Station w/Tweezer Cartridge Hand-piece
Includes:
MFR-PS2200
A
1
MFR-PS2200 Power Supply (60W per output)
MFR-H4-TW
D
1
Tweezer Cartridges Hand-piece
MFR-WSPT
F
1
Tweezer Hand-piece Workstand
TxP Cartridges
I
Tweezer Cartridges (SOLD SEPARATELY)
MFR-2240
6
Solder Station w/Solder & Tweezer Cart. Hand-piece
Includes:
MFR-PS2200
A
1
MFR-PS2200 Power Supply (60W per output)
MFR-H1-SC2
B
1
Soldering Cartridge Hand-piece
MFR-H4-TW
D
1
Tweezer Cartridges Hand-piece
WS1
C
1
Universal Soldering Workstand
MFR-WSPT
F
1
Tweezer Hand-piece Workstand
TxP Cartridges
I
Tweezer Cartridges (SOLD SEPARATELY)
SxP & RxP Cart.
G
Soldering/Rework Cartridges (SOLD SEPARATELY)
H
I
RxP Rework
Cartridges
See pg. 5
CxV Blade
Tips - See
pg. 7
MFR-UK5 Desoldering Kit -
Desolder Hand-piece
(MFR-H5-DS) and
Venturi Workstand
(MFR-WSDSX) also
available.
See page 3 for additional
upgrade kits.
See page 3
for additional
accessories
MFR-2200 Series Stations
1
2
3
4
5
6
A
E
E
E
E
C
F
F
A
A
A
A
A
B
B
B
C
C
D
D
TxP Tweezer Cartridges
See pg. 8
Unit includes a 3 position
switch (left/both/right)
so you can use a single
hand-piece or 2 hand-
pieces simultaneously



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com