Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STCS1PHR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCS1PHR
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1PHR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCS1PHR Datasheet HTML 9Page - STMicroelectronics STCS1PHR Datasheet HTML 10Page - STMicroelectronics STCS1PHR Datasheet HTML 11Page - STMicroelectronics STCS1PHR Datasheet HTML 12Page - STMicroelectronics STCS1PHR Datasheet HTML 13Page - STMicroelectronics STCS1PHR Datasheet HTML 14Page - STMicroelectronics STCS1PHR Datasheet HTML 15Page - STMicroelectronics STCS1PHR Datasheet HTML 16Page - STMicroelectronics STCS1PHR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STCS1
Package mechanical data
13/17
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.70
27.6
A3
0.20
7.9
b
0.18
0.23
0.307.1
9.1
11.8
D
3.00
118.1
D2
2.23
2.38
2.4887.893.7
97.7
E
3.00
118.1
E2
1.49
1.64
1.74
58.7
64.6
68.5
e
0.50
19.7
L0.30
0.40
0.50
11.8
15.7
19.7
DFN8 (3x3 mm) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com