Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2500SCMCL Datasheet(PDF) 21 Page - Littelfuse

Part # P2500SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2500SCMCL Datasheet(HTML) 21 Page - Littelfuse

Back Button P2500SCMCL Datasheet HTML 17Page - Littelfuse P2500SCMCL Datasheet HTML 18Page - Littelfuse P2500SCMCL Datasheet HTML 19Page - Littelfuse P2500SCMCL Datasheet HTML 20Page - Littelfuse P2500SCMCL Datasheet HTML 21Page - Littelfuse P2500SCMCL Datasheet HTML 22Page - Littelfuse P2500SCMCL Datasheet HTML 23Page - Littelfuse P2500SCMCL Datasheet HTML 24Page - Littelfuse P2500SCMCL Datasheet HTML 25Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
(OHFWURQLF)XVHV³3DFNDJH 'LPHQVLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 21
www.littelfuse.com
(OHFWURQLF)XVHV³3DFNDJH'LPHQVLRQV
2AG Slo-Blo® Fuse—229P / 230P Series
The following illustration shows the dimensions of the 2AG Slo-Blo Fuse—229P / 230P
series. The body is glass with nickel-plated brass fuse caps. Axial lead material is solder
coated copper.
NANO2® Fuse—451 / 453 Series
The following illustration shows the dimensions of a NANO2 Fuse—451 / 453 series. The
body is ceramic with tin-lead alloy or silver-plated caps. RoHS compliant terminations
(451L series) are gold over nickel-plated caps.
229P Series
230P Series
0.177
(4.5)
0.57
(14.48)
0.184 (4.7)
0.025
(0.635)
1.50
(38.1) TYP
Dimensions are in inches
(and millimeters).
0.57
(14.48)
F
7 A
0.270
(6.86)
0.124
(3.15)
0.116
(2.95)
0.077
(1.96)
0.106
(2.69)
0.057
(1.45)
0.240
(6.10)
Recommended pad layout
Dimensions are in inches
(and millimeters).
0.106
(2.69)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com