Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M18SP6LP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M18SP6LP
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SP6LP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  M18SP6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
78.0 mm*
(3.07")
Yellow LED
Output Indicator
Green LED
Power
Indicator
59.2 mm*
(2.33")
Yellow LED
Output Indicator
37.0 mm
(1.46")
Jam Nuts
(2 Provided)
18 x 1 mm
Thread
2 m
(6.5') Cable
Green LED
Power Indicator
EZ-BEAM M18 Series Sensors
page
6
Banner Engineering Corp. • Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
Models with Quick-Disconnect
* Polarized retroreflective and fixed-field cabled models = 65.0 mm (2.56")
* Polarized retroreflective and fixed-field QD models = 83.8 mm (3.30")
Models with Attached Cable
EZ-BEAM M18 Series Dimensions
EZ-BEAM M18 Series Hookups
Quick-disconnect (QD) Cables
Sensors with NPN (Sinking) Outputs
Standard Hookup
Sensors with PNP (Sourcing) Outputs
Standard Hookup
Alarm Hookup
Alarm Hookup
bu
bn
-
+
bk
wh
Load
Load
Load
Load
10-30V dc
bn
bu
-
+
bk
wh
Load
Load
10-30V dc
10-30V dc
bu
bn
-
+
bk
wh
Alarm
Load
10-30V dc
bn
bu
-
+
bk
wh
Alarm
Load
bn
bu
+
-
10-30V dc
bn
bu
-
+
bk
wh
10-30V dc
Emitters with Attached Cable
DC Emitters with Quick Disconnect
(No connection to bk and wh wires of QD cable.)
NOTE: hookups are the same for either an integral or QD cable.
Pin Out
Style
Model
Length
Connector
4-Pin Euro-style
MQDC-406
MQDC-415
MQDC-430
MQDC-406RA
MQDC-415RA
MQDC-430RA
2 m (6.5')
5 m (15')
9 m (30')
2 m (6.5')
5 m (15')
9 m (30')
Straight
Straight
Straight
Right-Angle
Right-Angle
Right-Angle
White Wire
Blue Wire
Black Wire
Brown Wire



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com