Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7265SA Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7265SA
Description  18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265SA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7265SA Datasheet HTML 4Page - STMicroelectronics TDA7265SA Datasheet HTML 5Page - STMicroelectronics TDA7265SA Datasheet HTML 6Page - STMicroelectronics TDA7265SA Datasheet HTML 7Page - STMicroelectronics TDA7265SA Datasheet HTML 8Page - STMicroelectronics TDA7265SA Datasheet HTML 9Page - STMicroelectronics TDA7265SA Datasheet HTML 10Page - STMicroelectronics TDA7265SA Datasheet HTML 11Page - STMicroelectronics TDA7265SA Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TDA7265SA
8/12
Figure 16. SVR vs. Frequency
Figure 17. Attenuation vs. Pin #5 Voltage
Figure 18. Power Dissipation vs. Output Power
Figure 19. Power Dissipation vs. Output Power
6
HEAT SINK DIMENSIONING:
In order to avoid the thermal protection intervention, that is placed approximatively at Tj = 150°C, it is im-
portant the dimensioning of the Heat Sinker RTh (°C/W).
The parameters that influence the dimensioning are:
– Maximum dissipated power for the device (Pdmax)
– Max thermal resistance Junction to case (RTh j-c)
– Max. ambient temperature Tamb max
– Quiescent current Iq (mA)
Example:
VCC = ±17.5V, Rload = 8ohm, RTh j-c = 3 °C/W , Tamb max = 50°C
Pdmax = (N° channels) ·
2V
cc
2
Π
2
R
load
⋅
--------------------------
I
q
V
cc
⋅
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com