Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M18SN6D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M18SN6D
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SN6D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  M18SN6D Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SN6D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Mounting Brackets
EZ-BEAM M18 Series Sensors
page
7
Banner Engineering Corp. • Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
SMB30SK
SMB18SF
SMB18UR
36.0 mm
(1.42")
50.8 mm
(2.00")
42.0 mm
(1.65")
22.9 mm
(0.9")
25.4 mm
(1.00")
10.6 mm
(0.42")
M18 x 1
internal
thread
50.8 mm
(2.0")
66.0 mm
(2.60")
41.7 mm
(1.64")
24.6 mm
(0.97")
20.8 mm
(0.82")
16.0 mm
(0.63 ")
45.2 mm
(1.78")
ø18.3 mm
(0.72")
2.7 mm
(0.10")
2.7 mm
(0.10")
27.2 mm
(1.07")
ø20.3 mm
(0.80")
ø30.5 mm
(1.20")
R2.5 mm
(0.10")
60º
60º
46.7 mm
(1.84")
9.7 mm
(0.38")
71.1 mm
(2.80")
20.3 mm
(0.80")
4X 6.9 mm
(0.27")
20.3 mm
(0.80")
33.8 mm
(1.33")
60º
25.4 mm
(1.00")
25.4 mm
(1.00")
8.1 mm
(0.32")
41.7 mm
(1.64")
20.8 mm
(0.82")
6X #10-32 Thru
ø30.5 mm
(1.20")
63.5 mm
(2.50")
SMB18UR Top
SMB18UR Bottom
• 2-piece universal swivel bracket for 18 mm sensors
• 300 series stainless steel
SMB18A
•
11-gauge stainless steel
•
Right-angle bracket with a curved mounting slot
for versatility and orientation
• 18 mm swivel bracket
• Black thermoplastic polyester
SMB18C
•
18 mm split clamp, black thermoplastic polyester
•
Stainless steel mounting hardware included
18.5 mm
(0.73")
25.4 mm
(1.00")
41 mm
(1.6")
46 mm
(1.8")
30
°
30 mm
(1.2")
R 24.2 mm
(0.95")
ø 4.6 mm*
(0.18")
4.6 mm*
(0.18")
* Use 4 mm (#8) screws
to mount bracket.
Drill screw holes
24.2 mm (0.95") apart.
Clearance for M4 (#8) hardware
7.6 mm
(0.30")
78.0 mm
(3.07")
50.8 mm
(2.00")
18 mm
Clearance
56.7 mm
(2.31")
Assembled
29.0 mm
(1.14")
68.0 mm
(2.68")
66.5 mm
(2.62")
40.0 mm
(1.60")
42.4 mm
(1.67")
30.0 mm
(1.18")
2.5 mm
(0.10")
21.1 mm
(0.83")
Nut Plate
M5 x 0.8
x 60 mm
Screw (2)
13 mm
(0.5")
14.0 mm
(0.55")
• Flat-mount swivel bracket with extended range of
motion
• Black reinforced thermoplastic polyester and 316
stainless steel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com