Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD35PIA120C5SN Datasheet(PDF) 9 Page - StarPower Europe AG

Part # GD35PIA120C5SN
Description  1200V/35A PIM in one-package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD35PIA120C5SN Datasheet(HTML) 9 Page - StarPower Europe AG

Back Button GD35PIA120C5SN Datasheet HTML 4Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 5Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 6Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 7Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 8Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 9Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 10Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 11Page - StarPower Europe AG GD35PIA120C5SN Datasheet HTML 12Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
GD35PIA120C5SN
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
3/31/2024
9/12
B01
Fig 9. Diode-inverter Switching Loss vs. RG
Fig 10. Diode-inverter Transient Thermal Impedance
Fig 11. Diode-rectifier Forward Characteristics
Fig 12. IGBT-brake-chopper Output Characteristics
0.6
0.9
1.2
1.5
1.8
0
20
40
60
80
100
120
R
G [Ω]
Erec Tvj=125℃
Erec Tvj=150℃
V
CC=600V
I
C=35A
V
GE=-15V
0.01
0.1
1
10
0.001
0.01
0.1
1
10
t [s]
Diode
i:
1
2
3
4
r
i[K/W]:
0.1158 0.3093 0.4948 0.0521
τ
i[s]:
0.0007 0.0099 0.0394 0.5290
0
10
20
30
40
50
60
70
0.6
0.7
0.8
0.9
1
1.1
1.2
V
F [V]
Tvj=25℃
Tvj=150℃
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
V
CE [V]
Tvj=25℃
Tvj=125℃
Tvj=150℃
V
GE=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com