Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD35PIY120C5SN Datasheet(PDF) 11 Page - StarPower Europe AG

Part # GD35PIY120C5SN
Description  1200V/35A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD35PIY120C5SN Datasheet(HTML) 11 Page - StarPower Europe AG

Back Button GD35PIY120C5SN Datasheet HTML 5Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 6Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 7Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 8Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 9Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 10Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 11Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 12Page - StarPower Europe AG GD35PIY120C5SN Datasheet HTML 13Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
GD35PIY120C5SN
IGBT Module
©2016 STARPOWER Semiconductor Ltd.
7/27/2016
11/13
SX0A
Fig 13. Diode-brake-chopper Forward Characteristics
Fig 14. NTC Temperature Characteristic
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
V
F [V]
Tj=25℃
Tj=125℃
Tj=150℃
0.1
1
10
100
0
30
60
90
120
150
T
C [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com