Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT2170 Datasheet(PDF) 2 Page - Microtune,Inc

Part # MT2170
Description  RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT2170 Datasheet(HTML) 2 Page - Microtune,Inc

  MT2170 Datasheet HTML 1Page - Microtune,Inc MT2170 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MT2170 SINGLE-CHIP WIDEBAND TUNER
PRODUCT BRIEF
MT2170 PB-00144 — Rev 1.0
March, 2007
Microtune, Inc., 2201 Tenth Street, Plano, TX 75074, USA
Tel: +1-972-673-1600, Fax: +1-972-673-1602, E-mail: sales@microtune.com, Web site: www.microtune.com
For a detailed list of office locations, sales offices, and sales representatives, visit our Web site at www.microtune.com
The information in this document is believed to be accurate and reliable. Microtune assumes no responsibility for any consequences arising from the use of this information, nor from any infringement of patents or
the rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or other rights of Microtune. The information in this publication replaces and supersedes all
information previously supplied, and is subject to change without notice. The customer is responsible for assuring that proper design and operating safeguards are observed to minimize inherent and procedural
hazards. Microtune assumes no responsibility for applications assistance or customer product design.
The devices described in this document are not authorized for use in medical, life-support equipment, or any other application involving a potential risk of severe property or environmental damage, personal injury,
or death without prior express written approval of Microtune. Any such use is understood to be entirely at the user’s risk.
Microtune is a registered trademark of Microtune, Inc. MicroTuner, MicroStreamer, VideoCaster, DataCaster, ClearTune, and the Microtune logo are trademarks of Microtune, Inc. All other trademarks belong to
their respective companies.
Microtune’s products are protected by one or more of the following U.S. patents: 5,625,325; 5,648,744; 5,717,730; 5,737,035; 5,739,730; 5,805,988; 5,847,612; 6,100,761; 6,104,242; 6,163,684; 6,169,569;
6,172,378; 6,177,964; 6,211,745; 6,218,899; 6,268,778; 6,310,387; 6,323,736; 6,355,537; 6,429,502; 6,462,327; 6,535,068; 6,580,313; 6,608,522; 6,631,257; 6,714,776; 6,725,463; 6,744,308; 6,771,124;
6,784,945; 6,804,099; 6,888,406; 6,891,435; 6,906,594; 6,909,886; 6,919,774; 6,920,182; 6,922,556; 6,963,478; 6,973,288; 6,993,310; 7,035,614; 7,078,960; 7,079,195; 7,164,899; 7,171,176; 7,184,724;
D469,742 and additional patents pending or filed.
Entire contents Copyright © 1996 - 2007 Microtune, Inc.
030207
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Second intermediate center
frequency (programmable)
26
126
MHz
Supply voltage 5V
4.75
5.0
5.25
V
Supply voltage 3.3V
3.15
3.3
3.45
V
Supply voltage ripple
15
mV
Operating junction temperature
125
°C
VGA output load impedance
500
Serial control clock
400
kHz
ABSOLUTE RATINGS
PARAMETER
MIN
MAX
UNIT
Supply voltage 5V
6
V
Supply voltage 3.3V
3.6
V
Storage temperature range
-50
+150
°C
Lead-free temperature
(soldering 4 seconds)
+260
°C
Input voltage
-0.3
VCC +0.3
V
UPCVCCF
IFVCC
VCC3V
GND
LO1LPF
LO1REG
LO1T1CM
LO1T2CM
LO1AVCC
N/C
A0
A1
GPO
VGAoutp
VGAcntl
VGAVCC
VGAVCC
VGAinn
VGAinp
N/C
PD2cap
PD1cap
DNCoutn
DNCoutp
11
10
9
8
7
12
6
5
3
4
1
2
26
27
28
29
30
25
31
32
34
33
36
35
Exposed paddle on
package bottom
TUNER ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Power Supply
Active current 5V
250
mA
Active current 3.3V
75
mA
RF Signal Path
Input frequency range
48
1000
MHz
Noise figure
9
dB
Voltage gain
42
dB
RF AGC range
55
dB
Image rejection
70
dBc
LO phase noise (10 kHz)
84
dBc/Hz
LO phase noise (100 kHz)
104
dBc/Hz
LO step size
50
kHz
IF VGA
Frequency range
26
126
MHz
Maximum output voltage
1.0
Vp-p
Maximum voltage gain
30
dB
IF AGC range
46
dB
Temp
Sensor
AGC Control Block
Digital
Control
AFC
A/D
GPO
RF Input
LNA
Filter
ATTN
RL Amp
UPC
DNC
DNC
Output
IF VGA
PD1
PD2
VCO/
PLL
SRO
SRO Out
IF AGC I/P
1250 MHz
SAW Filter
Lumped
Element Filter
VCO/
PLL
MT2170 Pin Diagram
MT2170 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com