Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCI6152 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6152
Description  FastLane??PCI-to-PCI Bridge Chips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6152 Datasheet(HTML) 1 Page - PLX Technology

  PCI6152 Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FastLane™ PCI-to-PCI Bridge Chips
.
Connectivity
PCI 6152 (PCI 6152-xx33BC)
32-bit, 33MHz Synchronous
operation
5V signal tolerance
15mm x 15mm TBGA
Transparent Bridge Function
PCI Bus Types
Support for 4 Bus Masters
PCI 6152 (PCI 6152-xx66BC)
AGP 2X Port Compatible
32-bit, 66MHz Synchronous
operation
5V signal tolerance
15mm x 15mm TBGA
Transparent Bridge Function
PCI Bus Types
Support for 4 Bus Masters
PCI 6152 (PCI 6152-xx33PC)
32-bit, 33MHz Synchronous
operation
5V signal tolerance
160-pin PQFP
Transparent Bridge Function
PCI Bus Types
Support for 4 Bus Masters
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
The FastLane™ PCI 6152 is a family of three very low power 32-bit
PCI-to-PCI Bridges
PLX’s FastLane PCI 6152 family is specially designed for applications that require
high performance 32-bit PCI bus expansion. Add-in card designers can use the
FastLane PCI 6152 to expand PCI connection capacity beyond the limitation of a
single PCI device. Designers can use the FastLane PCI 6152 to build multi-device PCI
cards such as RAID controllers and other multimedia applications.
The FastLane PCI 6152 is optimized for the following applications:
PCI Latency Sensitive Systems
PCI-Retry Penalty Sensitive Systems
PCI Slave Access intensive bridging functions
High Performance and low cost PCI-to-PCI bridging functions
Low Power and PCI ClockRun support
Performance
Smallest PCI-to-PCI package in the world, plus Intel 21152 pin compatible package
version
No-Retry™ architecture for high PCI-to-PCI bridging efficiency
4 pairs of REQ/GNT signals support up to 8 bus masters directly on secondary bus
EEPROM support for extra register control
Vital Product Data (VPD)
4 general purpose IO interface
Proven PME D3 wakeup power management
Product Ordering Information
Part Number
Description
PCI 6152-xx33BC
PCI 6152—33MHZ, PCI-to-PCI Bridge Chip (TBGA)
PCI 6152-xx66BC
PCI 6152—66MHZ, PCI-to-PCI Bridge Chip (TBGA)
PCI 6152-xx33PC
PCI 6152—33MHz, PCI-to-PCI Bridge Chip (PQFP)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for more information.
PCI 6152
Version 1.1 2004
© 2004 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. FastLane is a trademark of PLX Technology, Inc.,
which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or
registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for
any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
6152-SIL-PB-P1-1.1
04/04
Intel 21152
PCI 6152
Size Comparison
PCI 6152 is 78%
Smaller than
Intel 21152


Similar Part No. - PCI6152

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6150-XX66BC PLX-PCI6150-XX66BC Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6154-XX66BC PLX-PCI6154-XX66BC Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6156 PLX-PCI6156 Datasheet
207Kb / 2P
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
More results

Similar Description - PCI6152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
PCI-TO-PCI BRIDGE
logo
PLX Technology
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6254 PLX-PCI6254 Datasheet
80Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
Transparent FastLane??PCI-X -to- PCI-X Bridge
PCI6540 PLX-PCI6540 Datasheet
290Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI-X -to- PCI-X Bridge
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
21152 INTEL-21152 Datasheet
1Mb / 148P
PCI-to-PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
PCI-to-PCI Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com