Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8566TH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8566TH
Description  2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566TH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8566TH Datasheet HTML 13Page - NXP Semiconductors TDA8566TH Datasheet HTML 14Page - NXP Semiconductors TDA8566TH Datasheet HTML 15Page - NXP Semiconductors TDA8566TH Datasheet HTML 16Page - NXP Semiconductors TDA8566TH Datasheet HTML 17Page - NXP Semiconductors TDA8566TH Datasheet HTML 18Page - NXP Semiconductors TDA8566TH Datasheet HTML 19Page - NXP Semiconductors TDA8566TH Datasheet HTML 20Page - NXP Semiconductors TDA8566TH Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 15 October 2007
Document identifier: TDA8566_6
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
19. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Quick reference data . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5
7
Functional description . . . . . . . . . . . . . . . . . . . 6
7.1
Mode select switch (pin MODE) . . . . . . . . . . . . 6
7.2
Clip detection (pin CLIP). . . . . . . . . . . . . . . . . . 6
7.3
Short-circuit diagnostic (pin DIAG) . . . . . . . . . . 7
7.4
Temperature pre-warning (pin DIAG) . . . . . . . . 7
7.5
Open-collector diagnostic outputs . . . . . . . . . . 7
7.6
Differential inputs . . . . . . . . . . . . . . . . . . . . . . . 8
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 8
9
Thermal characteristics. . . . . . . . . . . . . . . . . . . 8
10
Static characteristics. . . . . . . . . . . . . . . . . . . . . 9
11
Dynamic characteristics . . . . . . . . . . . . . . . . . 10
12
Application information. . . . . . . . . . . . . . . . . . 11
12.1
Diagnostic output . . . . . . . . . . . . . . . . . . . . . . 11
12.2
Mode select switch . . . . . . . . . . . . . . . . . . . . . 11
13
Test information . . . . . . . . . . . . . . . . . . . . . . . . 12
14
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13
15
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
15.1
Introduction to soldering . . . . . . . . . . . . . . . . . 16
15.2
Wave and reflow soldering . . . . . . . . . . . . . . . 16
15.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 16
15.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 17
16
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 19
17
Legal information. . . . . . . . . . . . . . . . . . . . . . . 20
17.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 20
17.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
17.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
17.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
18
Contact information. . . . . . . . . . . . . . . . . . . . . 20
19
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com