Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G384 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G384
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G384 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G384 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
74LVC1G384_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 29 August 2007
13 of 22
NXP Semiconductors
74LVC1G384
Bilateral switch
f(-3dB)
-3 dB frequency response
RL = 600 Ω; CL =50pF;
see Figure 20
VCC = 1.65 V
-
135
-
MHz
VCC = 2.3 V
-
145
-
MHz
VCC = 3.0 V
-
150
-
MHz
VCC = 4.5 V
-
155
-
MHz
RL =50 Ω; CL = 5 pF; see Figure 20
VCC = 1.65 V
-
> 500
-
MHz
VCC = 2.3 V
-
> 500
-
MHz
VCC = 3.0 V
-
> 500
-
MHz
VCC = 4.5 V
-
> 500
-
MHz
RL =50 Ω; CL = 10 pF; see Figure 20
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
350
-
MHz
VCC = 3.0 V
-
410
-
MHz
VCC = 4.5 V
-
440
-
MHz
αiso
isolation (OFF-state)
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
see Figure 21
VCC = 1.65 V
-
−46
-
dB
VCC = 2.3 V
-
−46
-
dB
VCC = 3.0 V
-
−46
-
dB
VCC = 4.5 V
-
−46
-
dB
RL =50 Ω; CL = 5 pF; fi = 1 MHz;
see Figure 21
VCC = 1.65 V
-
−37
-
dB
VCC = 2.3 V
-
−37
-
dB
VCC = 3.0 V
-
−37
-
dB
VCC = 4.5 V
-
−37
-
dB
Vct
crosstalk voltage
between digital input and switch;
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
tr =tf = 2 ns; see Figure 22
VCC = 1.65 V
-
69
-
mV
VCC = 2.3 V
-
87
-
mV
VCC = 3.0 V
-
156
-
mV
VCC = 4.5 V
-
302
-
mV
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; typical values measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com