Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7379IPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7379IPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7379IPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7379IPBF Datasheet HTML 1Page - International Rectifier IRF7379IPBF Datasheet HTML 2Page - International Rectifier IRF7379IPBF Datasheet HTML 3Page - International Rectifier IRF7379IPBF Datasheet HTML 4Page - International Rectifier IRF7379IPBF Datasheet HTML 5Page - International Rectifier IRF7379IPBF Datasheet HTML 6Page - International Rectifier IRF7379IPBF Datasheet HTML 7Page - International Rectifier IRF7379IPBF Datasheet HTML 8Page - International Rectifier IRF7379IPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7379IPbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 10 )
Notes:
‚ N-Channel ISD ≤ 2.4A, di/dt ≤ 73A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -1.8A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
30
—
—
VGS = 0V, ID = 250µA
P-Ch -30
—
—
VGS = 0V, ID = -250µA
N-Ch
— 0.032
—
Reference to 25°C, ID = 1mA
P-Ch
— -0.037 —
Reference to 25°C, ID = -1mA
— 0.038 0.045
VGS = 10V, ID = 5.8A
ƒ
— 0.055 0.075
VGS = 4.5V, ID = 4.9A
ƒ
— 0.070 0.090
VGS = -10V, ID =- 4.3A
ƒ
— 0.130 0.180
VGS = -4.5V, ID =- 3.7A
ƒ
N-Ch 1.0
—
—
VDS = VGS, ID = 250µA
P-Ch -1.0
—
—
VDS = VGS, ID = -250µA
N-Ch 5.2
—
—
VDS = 15V, ID = 2.4A
ƒ
P-Ch 2.5
—
—
VDS = -24V, ID = -1.8A
ƒ
N-Ch
—
—
1.0
VDS = 24 V, VGS = 0V
P-Ch
—
—
-1.0
VDS = -24V, VGS = 0V
N-Ch
—
—
25
VDS = 24 V, VGS = 0V, TJ = 125°C
P-Ch
—
—
-25
VDS = -24V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
—
±100
VGS = ± 20V
N-Ch
—
—
25
P-Ch
—
—
25
N-Ch
—
—
2.9
P-Ch
—
—
2.9
N-Ch
—
—
7.9
P-Ch
—
—
9.0
N-Ch
—
6.8
—
P-Ch
—
11
—
N-Ch
—
21
—
P-Ch
—
17
—
N-Ch
—
22
—
P-Ch
—
25
—
N-Ch
—
7.7
—
P-Ch
—
18
—
LD
Internal Drain Inductace
N-P
—
4.0
—
Between lead, 6mm (0.25in.) from
LS
Internal Source Inductance
N-P
—
6.0
—
package and center of die contact
N-Ch
—
520
—
P-Ch
—
440
—
N-Ch
—
180
—
P-Ch
—
200
—
N-Ch
—
72
—
P-Ch
—
93
—
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
—
—
3.1
P-Ch
—
—
-3.1
N-Ch
—
—
46
P-Ch
—
—
-34
N-Ch
—
—
1.0
TJ = 25°C, IS = 1.8A, VGS = 0V
ƒ
P-Ch
—
—
-1.0
TJ = 25°C, IS = -1.8A, VGS = 0V
ƒ
N-Ch
—
47
71
P-Ch
—
53
80
N-Ch
—
56
84
P-Ch
—
66
99
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
V
V/°C
Ω
V
S
µA
nC
ns
nH
pF
N-Channel
ID = 2.4A, VDS = 24V, VGS = 10V
ƒ
P-Channel
ID = -1.8A, VDS = -24V, VGS = -10V
N-Channel
VDD = 15V, ID = 2.4A, RG = 6.0Ω,
RD = 6.2Ω
ƒ
P-Channel
VDD = -15V, ID = -1.8A, RG = 6.0Ω,
RD = 8.2Ω
N-Channel
VGS = 0V, VDS = 25V, ƒ = 1.0MHz
ƒ
P-Channel
VGS = 0V, VDS = -25V, ƒ = 1.0MHz
N-Ch
P-Ch
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 2.4A, di/dt = 100A/µs
P-Channel
ƒ
TJ = 25°C, IF = -1.8A, di/dt = -100A/µs
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 10sec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com