Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES4810SAA Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES4810SAA
Description  Digital Audio Processor Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4810SAA Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES4810SAA Datasheet HTML 1Page - ESS Technology,Inc ES4810SAA Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESS Technology, Inc.
SAM0646-080406
1
ESS Technology, Inc.
PRELIMINARY
ES4810
Digital Audio Processor
Product Brief
DESCRIPTION
The ES4810 Digital Audio Processor (DAP™3) is an SOC
chip designed for Audio Boom-Box and Mini-Combo
applications. It integrates a servo controller, RF amplifier,
servo DSP, MP3 and WMA decoders, USB 2.0 Driver, 2
channels audio DAC, 2 channels of audio ADC for
Karaoke, SD/MS/MMC card reader and MP3 encoder.
The ES4810 has the largest feature set and is the most
highly integrated and cost-effective solution currently
available.
The ES4810 provides auxiliary control pins for AM/FM
tuner control, LCD driver and system management. The
ES4810’s internal RISC processor can be used in place of
a microcontroller to provide all system controls and user
interface.
The ES4810 digital audio processor is available in a 208-
pin Plastic Quad Flat Pack (PQFP) device package.
FEATURES
CD Optical loader with integrated servo controller and RF
amplifier.
Disc format supports CD-R/RW, CD.
File system supports ISO9660, UDF, NTFS, and FAT32.
Audio DSP decodes MP3, WMA, AAC, and OGG. Can also
encode MP3 and store into USB flash or memory cards.
USB 2.0 FS to support USB flash drive for music playback.
Digital audio SPDIF In and Out.
VDAC for file browsing and management.
2-channel audio DAC, 2-channel ADC.
2-channel PWM supports class D digital amplifiers.
SD/MMC/MS card reader interface.
Audio equalizer and bass enhancement support.
LCD panel control and FM/AM tuner control.
Serial UART port.
1.5V power supply with 3.3V tolerant I/Os,
power consumption < 1W.
Lead-free leads.
SYSTEM BLOCK DIAGRAM
A sample system block diagram for the ES4810 digital audio
board design is shown in Figure 1.
Figure 1 ES4810 System Block Diagram
ES4810
SDRAM
LCD
Audio Output
ADC
USB 2.0
A/V Receiver
LCD Panel
Microphone Input
S/PDIF
4 Mbit
Motor Driver
CPU
Motor
CD/CD-R/CD-RW
IR Remote
(2 MB)
Audio
Audio
Flash Memory Cards - SD/MMC/MS
DAP3
ROM/FLASH
Sony 213C
Samsung B35
Sanyo DA11
FM/AM Tuner
Driver
MCU
UART
for MP3
Encode
System Control


Similar Part No. - ES4810SAA

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
More results

Similar Description - ES4810SAA

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
Video CD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Hitachi Semiconductor
SH7750 HITACHI-SH7750 Datasheet
58Kb / 2P
SuperH RISC Processor Product Brief
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
Super VCD Processor Product Brief
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
Digital-Audio Processor Product Brief
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
Home Gateway Processor Product Brief
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
Digital Media Processor Product Brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com