Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES6128 Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES6128
Description  Vibratto-S DVD Processor Product Brief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6128 Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES6128 Datasheet HTML 1Page - ESS Technology,Inc ES6128 Datasheet HTML 2Page - ESS Technology,Inc ES6128 Datasheet HTML 3Page - ESS Technology,Inc ES6128 Datasheet HTML 4Page - ESS Technology,Inc ES6128 Datasheet HTML 5Page - ESS Technology,Inc ES6128 Datasheet HTML 6Page - ESS Technology,Inc ES6128 Datasheet HTML 7Page - ESS Technology,Inc ES6128 Datasheet HTML 8Page - ESS Technology,Inc ES6128 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESS Technology, Inc.
SAM0481B-052705
3
ES6128 PRODUCT BRIEF
ES6128 PIN DESCRIPTION
ES6128 PIN DESCRIPTION
Table 1 lists the pin descriptions for the ES6128.
Table 1
ES6128 Pin Description
Name
Pin Numbers
I/O
Definition
VEE
1,18, 27, 59, 68, 75,
92, 99, 104, 130,
148, 157, 159, 164,
183, 193, 201
P
I/O power supply.
LA[21:0]
2-7, 10-16, 19-23,
204-207
O
RISC port address bus.
VSS
8, 17, 26, 34, 43,
60, 67, 76, 84, 91,
98, 103, 120, 129,
138, 147, 156, 163,
171, 177, 184, 192,
200, 208
G
Ground.
VCC
9, 35, 44, 83, 121,
139, 172
P
Core power supply.
RESET#
24
I
Reset input; (5V tolerant input).
TDMDX
25
O
TDM transmit data output.
RSEL
I
LCS3 ROM Boot Data Width Select. Strapped to VCC or ground via 4.7-k
resistor; read only during reset.
TDMDR
28
I
TDM receive data input; (5V tolerant input).
TDMCLK
29
I
TDM clock input; (5V tolerant input).
TDMFS
30
I
TDM frame sync input; (5V tolerant input).
TDMTSC#
31
O
TDM output enable.
TWS
32
O
Audio transmit frame sync output.
SEL_PLL2
I
System and DSCK output clock frequency selection is made at the rising edge of
RESET#. The matrix below lists the available clock frequencies and their
respective PLL bit settings. Strapped to VCC or ground via 4.7-k
Ω resistor; read
only during reset.
TSD0
33
O
Audio transmit serial data output 0.
SEL_PLL0
I
Refer to the description and matrix for SEL_PLL2 pin 32.
RSEL
Selection
016-bit ROM
18-bit ROM
SEL_PLL2
SEL_PLL1
SEL_PLL0
PLL Settings
0
0
0
DCLK
× 4.5
0
0
1
DCLK
× 5.0
01
0
Bypass
0
1
1
DCLK
× 4.0
1
0
0
DCLK
× 4.25
1
0
1
DCLK
× 4.75
1
1
0
DCLK
× 5.5
1
1
1
DCLK
× 6.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com