Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES6218A Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES6218A
Description  Vibratto-S Automotive DVD Processor Product Brief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6218A Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES6218A Datasheet HTML 1Page - ESS Technology,Inc ES6218A Datasheet HTML 2Page - ESS Technology,Inc ES6218A Datasheet HTML 3Page - ESS Technology,Inc ES6218A Datasheet HTML 4Page - ESS Technology,Inc ES6218A Datasheet HTML 5Page - ESS Technology,Inc ES6218A Datasheet HTML 6Page - ESS Technology,Inc ES6218A Datasheet HTML 7Page - ESS Technology,Inc ES6218A Datasheet HTML 8Page - ESS Technology,Inc ES6218A Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ESS Technology, Inc.
SAM0575-021805
1
ESS Technology, Inc.
ES6218A
Vibratto-S Automotive DVD Processor
Product Brief
DESCRIPTION
The ES6218A Vibratto
S DVD processor is a super high-
performance single-chip MPEG video decoding solution
that is ideal for automotive DVD applications. The chip
integrates CPRM and S/PDIF input and output support.
The ES62 18A p erform s aud io /vid eo st re am data
processing, TV encoding, Macrovision
 copy protection,
D V D syst em na vigat ion, syst em cont r o l, and
housekeeping functions.
The Vibratto-S DVD processor is built on the ESS
prop rietar y dual CPU Programmable Multimedia
Processor (PMP) core consisting of 32-bit RISC and 64-bit
DSP processors and offers the best DVD feature set. The
processing units enable simultaneous parallel execution of
system commands and data processing to perform
specialized encoding and decoding tasks.
The RISC processor performs bit stream parsing, control
audio data output, transfer video and audio data to the
vecto r engin e an d service system cont r o l and
housekeeping functions. The vector engine performs
audio and video micro-code processing required by A/V
standards, such as Dolby
 Digital, DTS surround,
MPEG and JPEG imaging. These processing tasks
include video motion compensation and estimation, loop
filtering, Discrete Cosine Transforms (DCT), inverse DCT,
quantization, and inverse quantization.
The Vibratto-S DVD processor supports both parallel and
serial DVD loader interfaces, industry standard I2S audio
data input and output, EPROM and DRAM access, and
audio/video data buffering. It also supports both letterbox
and pan-and-scan displays, sub-picture overlay, and On-
Screen Display (OSD).
The Vibratto-S DVD solution also offers support for
Karaoke CD+G, HDCD, CD-DA, DVD-Audio, MP3, and
WMA.
The ES6218A DVD processor is available in a 208-pin
Low-profile Quad Flat Pack (LQFP) package with lead-
free leads. The silicon is qualified for an extended
temperature range of –40 to 85
°C for automotive
applications.
FEATURES
• Single-chip DVD processor.
• Integrated NTSC/PAL encoder with pixel-adaptive
de-interlacer and three 10-bit 54 MHz video DACs.
• DVD-Video, DVD-VR, VCD 1.1 and 2.0.
• Media playback with CD-ROM, CD-R/RW, DVD-R/RW,
DVD+R/RW, and DVD-RAM.
• Full DVD-Audio support including MLP and Linear PCM
decoding, CPPM and watermark detection.
• Up to 7.1 channel audio outputs.
• Interface for IDE devices, A/V DVD loaders and flash.
• Interface for CF, MS, MMC, SD, and SM memory cards.
• Direct interface of 8-/16-bit DRAM up to 128-Mb capacity.
• Direct interface for up to 4 banks of 8-/16-bit EPROM or
Flash EPROM for up to 4-MB for each bank.
• Macrovision 7.1 for NTSC/PAL interlaced video.
• Composite, S-video and RGB or YUV outputs.
• CCIR 656/601 YUV 4:2:2 input and output.
• On-Screen Display controller supports 256 colors in 8
degrees of transparency.
• Subpicture Unit (SPU) decoder supports karaoke lyric,
subtitles, and EIA-608 compliant Line 21 Captioning.
• JPEG digital photo CD support (Kodak Picture CD
 and
Fujifilm FujiColor CD
).
• ESS Music Slideshow™.
• Dolby Digital (AC-3), Dolby Pro Logic™, and Pro Logic II.
• DTS surround.
• S/PDIF digital audio input and output.
• MPEG AAC and Multichannel.
• SRS TruSurround
 and TruSurround XT.
• Windows™ Media Audio (WMA).
• Extended temperature range –40 to 85
°C ambient for
automotive applications.
• Slave mode for control by host processor.
• Lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi.


Similar Part No. - ES6218A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
Vibratto-II Automotive DVD Processor Product Brief
ES6230SF ETC1-ES6230SF Datasheet
60Kb / 4P
Vibratto-II Automotive DVD Processor Product Brief
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
ES62UL256-25SC NANOAMP-ES62UL256-25SC Datasheet
57Kb / 6P
32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
ES62UL256-25TC NANOAMP-ES62UL256-25TC Datasheet
57Kb / 6P
32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
More results

Similar Description - ES6218A

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
ESS Technology,Inc
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
Vibratto-S DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
Vibratto-II Automotive DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
Vibratto DVD Processor
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
Vibratto-S DVD Processor Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com