Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES6430 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES6430
Description  Digital Media Processor Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6430 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES6430 Datasheet HTML 1Page - ESS Technology,Inc ES6430 Datasheet HTML 2Page - ESS Technology,Inc ES6430 Datasheet HTML 3Page - ESS Technology,Inc ES6430 Datasheet HTML 4Page - ESS Technology,Inc ES6430 Datasheet HTML 5Page - ESS Technology,Inc ES6430 Datasheet HTML 6Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESS Technology, Inc.
SAM0632a-013106
1
ESS Technology, Inc.
ES6430
Digital Media Processor
Product Brief
DESCRIPTION
The ES6430 Digital Media Processor (DMP™3) is a new
generation of high performance audio/photo/video
decoder for playback of high definition and high resolution
photos, high quality music, and high bit rate videos from
flash memory cards, hard disks, and USB storage
devices. With its enhanced video engine, the DMP3 chip
playbacks MPEG1, MPEG2, and MPEG-4 ASP video with
GMC and QPEL support.
The DMP3 chip is ideal for stand-alone media players as
well as for TV-embedded players. It incorporates a high-
quality de interlacer and a TV encoder that supports HD
photos to display 720p/1080i pictures in their native
resolution. With its built-in video scaler, the DMP3 chip
allows for up-conversion of home video to HD resolution.
The DMP3 chip is built on the ESS proprietary dual CPU
Programmable Multimedia Processor (PMP) core
consisting of 32-bit RISC and 64-bit DSP processors that
deliver the best JPEG and video feature set. The DMP3
chip includes a unified memory architecture to ensure the
lowest possible system memory cost. A USB full-speed
host controller is built-in for viewing digital photos and
music from USB mass storage devices.
The DMP3 chip offers high quality audio via its built-in
stereo audio digital to analog converter (DAC) and is
capable of decoding PCM wave, MP3, WMA, AAC, and
Dolby Digital audio formats.
A 16-bit host interface is available for connection to CF
and SM memory cards and xD picture cards, as well as to
an IDE hard drive. Similarly, a serial interface is built-in to
connect the DMP3 chip to SD, MMC, MS and MS Pro
devices.
The ES6430 DMP3 chip is available in a 256-pin Plastic
Quad Flat Pack (PQFP) device package.
FEATURES
• HD component output for 720p/1080i JPEG display.
• Scaler for video up-conversion to 720p/1080i.
• Pixel-adaptive de-interlacer.
• NTSC/PAL encoder with three video DACs for composite,
S-Video and YUV/RGB video outputs.
• CCIR656/601 YUV 4:2:2 input/output.
• 12-bit/24-bit YUV digital output for HDMI transmitter or
TV scaler.
• MPEG-4 Advanced Simple Profile video including GMC and
QPEL support.
• MPEG-2 video playback.
• MPEG-1 and Motion-JPEG video playback.
• JPEG and Progressive JPEG photo playback.
• BMP, TIFF, PNG, and GIF picture playback.
• Wave, AAC, MP3 and WMA playback.
• ESS Music and Photo Slideshow application.
• 2 channel stereo audio DAC.
• Dolby Digital AC3 decode (ES6430FAB only).
• USB full-speed host controller for photos and MP3 playback.
• Direct interface to IDE hard drive, flash memory cards including
CF, SM, SD, xD, MMC, MS, and MS Pro devices.
• OSD controller supports 256 colors in 8 degrees of
transparency.
• I2C interface for master/slave communication with MCU.
• Serial UART port @ 115200 baud rate.
• 16-bit DRAM interface for up to 128-Mb capacity.
• 8-bit EPROM/Flash interface for up to 4 banks x 4 MB.
• Lead-free leads.


Similar Part No. - ES6430

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ES64 ECLIPTEK-ES64 Datasheet
177Kb / 2P
Temperature Compensated Crystal
logo
ESS Technology,Inc
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6425FDF ESS-ES6425FDF Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6425FF ESS-ES6425FF Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6460SAA ESS-ES6460SAA Datasheet
209Kb / 2P
DMPX Digital Media Processor
More results

Similar Description - ES6430

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
Video CD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Hitachi Semiconductor
SH7750 HITACHI-SH7750 Datasheet
58Kb / 2P
SuperH RISC Processor Product Brief
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
Super VCD Processor Product Brief
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
Digital-Audio Processor Product Brief
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
Home Gateway Processor Product Brief
logo
ESS Technology,Inc
ES4810 ESS-ES4810 Datasheet
44Kb / 2P
Digital Audio Processor Product Brief
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com