Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YB1508 Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC.

Part # YB1508
Description  Step-up DC-DC Converter , White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1508 Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC.

  YB1508 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1508 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1508 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1508 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1508 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1508 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1508 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
YB1508
Step-up DC-DC Converter , White LED Driver
YB1508 MRev1.4
WWW.YOBON.COM.TW
3
Function Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.7
9
V
Feedback Voltage
Iout =20mA, Vout = 12.5V
Circuit of figure 1. (L=22uH
Cout =4.7uF)
Rfb = 10 ohms
180
200
220
mV
FB Pin Bias current
2
10
20
μA
Vfb = 0.3V
3.5
mA
Supply current
CTRL = 0V
1
μA
Switching Frequency
0.7
0.8
1.3
MHz
Maximum Duty Cycle
93
%
Minimum duty cycle
20
25
35
%
Switch Vcesat
At Isw = 200mA
200
mV
Switch Current Limit
40% duty cycle
250
mA
Switch Leakage Current
Ctrl = 0.3V
1
μA
VCTRL for Full LED current
1.6
1.7
1.8
V
CTRL Pin Bias Current
Ctrl = 2V
20
μA
Chip turn off delay
30
μS
YB1508
36
Over Voltage Protection
YB1508P
21
V
Absolute Maximum Ratings
Electricity Characteristics
Table 3:
(TA=25°C, Vin=3.3V Cin=1uF Cout=4.7uF unless otherwise noted)
Maximum Junction Temp,Tj
150 °C
Lead Temperature (Soldering 10
sec)
300 °C
Thermal Resistance
195 °C
SW voltage
40V
All other pins
10V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com