Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

313B Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 313B
Description  Plug-In Adjustable TDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

313B Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  313B Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 313B Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Plug-In Adjustable TDR
SPECIFICATIONS
4 RANGES
0.1 -1.0 SEC.
(AND MINIMUM SETTINGS)
0.5 - 10.0 SEC.
3 SEC. - 1 MIN.
30 SEC. - 10 MIN.
LOAD RELAY
TYPE
2 Form C
LIFE AC 50,000,000 operations(no load)
LIFE DC 100,000,000 operations (no load)
TEMPERATURE RATING 15° to 120°F (-10° to 50°C)
CONTACT RATING
7A resistive 1/10 HP at 120V
MOUNTING
Plug-in optional surface-mounting socket with
screw terminals; optional PC board mount
socket and wire wrap
POWER REQUIREMENTS 120 VAC
80 to 132V, 50/60 Hz, 20 mA
240 VAC
160 to 242V, 50/60 Hz, 13 mA
SETTING ACCURACY
± 10% of range at full scale
REPEAT ACCURACY
± 1% of setting or 10 ms when temperature
and voltage are constant
± 7% of setting when temperature and voltage
change within specified operating limits
RESET TIME
0.1 SEC during timing and at least 15 ms after
time out
HOUSING
Dust, moisture and impact-resistant molded
polycarbonate
WEIGHT
NET: 2 oz. SHIPPING: 4 oz.
Through advanced circuit design and packaging technology, the ON-
Delay ATC 313 packs all of the performance of a conventional plug-in
TDR in a space-saving housing. It features a digital timing circuit which
ensures high repeat accuracy and excellent noise immunity.
MINIATURE HOUSING: You can mount several ATC 313 timers in the
same space as a single conventional TDR.
DIGITAL ACCURACY: A custom C-MOS integrated circuit accurately
measures the dial-adjustable delay by counting the output of an internal
oscillator. Repeat accuracy remains high even with variations in voltage,
temperature and reset time.
STATUS INDICATORS: Two LEDs clearly indicate the operational status
of the 313: one is energized when power is applied; the other is off dur-
ing the delay period and on at time-out.
INDUSTRIAL QUALITY: With a load relay capable of switching 7A resis-
tive loads and a C-MOS design that protects components against noise
and voltage transients, the 313 is built for industrial use.
MODEL NUMBER
MODEL NUMBER
313B
10
VOLTAGE & FREQUENCY
120 VAC, 50/60 Hz
Q
240 VAC, 50/60 Hz
R
ARRANGEMENT
On-Delay
1
Special
0
FEATURES
Standard
X
Special
K
ACCESSORIES
Surface Mounting Socket
000-825-81-00
PC Board Socket
000-825-82-00
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 313B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
logo
List of Unclassifed Man...
313 ETC2-313 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
3M Electronics
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Marathon Special Produc...
313 MARATHON-313 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
More results

Similar Description - 313B

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7186 SAMHOP-SM7186 Datasheet
185Kb / 10P
Built-in adjustable OSC
logo
List of Unclassifed Man...
770-910 ETC-770-910 Datasheet
113Kb / 1P
Replacement Lead Kit for TDR Cable Length Meter
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
TDR 2 Series, 2 Watt
Rev. November 30, 2022
TDR2SM TRACOPOWER-TDR2SM Datasheet
866Kb / 5P
TDR 2SM Series, 2 Watt
Rev. November 30, 2022
TDR2WI TRACOPOWER-TDR2WI Datasheet
889Kb / 4P
TDR 2WI Series, 2 Watt
Rev. November 30, 2022
TDR2WISM TRACOPOWER-TDR2WISM Datasheet
874Kb / 5P
TDR 2WISM Series, 2 Watt
Rev. November 30, 2022
TDR3 TRACOPOWER-TDR3 Datasheet
893Kb / 4P
TDR 3 Series, 3 Watt
Rev. November 30, 2022
TDR3SM TRACOPOWER-TDR3SM Datasheet
891Kb / 5P
TDR 3SM Series, 3 Watt
Rev. November 30, 2022
TDR3WI TRACOPOWER-TDR3WI Datasheet
892Kb / 4P
TDR 3WI Series, 3 Watt
Rev. November 30, 2022
TDR3WISM TRACOPOWER-TDR3WISM Datasheet
864Kb / 5P
TDR 3WISM Series, 3 Watt
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com