Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP7NB60 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP7NB60
Description  N-CHANNEL 600V - 1.0 廓 - 7.2A TO-220/TO-220FP PowerMESH??MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NB60 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP7NB60 Datasheet HTML 3Page - STMicroelectronics STP7NB60 Datasheet HTML 4Page - STMicroelectronics STP7NB60 Datasheet HTML 5Page - STMicroelectronics STP7NB60 Datasheet HTML 6Page - STMicroelectronics STP7NB60 Datasheet HTML 7Page - STMicroelectronics STP7NB60 Datasheet HTML 8Page - STMicroelectronics STP7NB60 Datasheet HTML 9Page - STMicroelectronics STP7NB60 Datasheet HTML 10Page - STMicroelectronics STP7NB60 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
STP7NB60/FP
Table 13. TO-220FP Mechanical Data
Figure 22. TO-220FP Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
C
1.00
1.30
0.039
0.051
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.027
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.066
F2
1.15
1.70
0.045
0.066
G
4.95
5.20
0.195
0.204
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.393
0.409
L2
16.00
0.630
L3
28.60
30.60
1.126
1.204
L4
9.80
10.60
0.385
0.417
L5
3.30
3.50
0.129
0.137
L6
15.90
16.40
0.626
0.645
L7
9.00
9.30
0.354
0.366
P
1.60
0.063
V5°
5°
V1
50°
100°
50°
100°
V2
44°
46°
44°
46°
Ø
3.00
3.20
0.118
0.126
L3
H
G
G1
F
V1
F
F1
F2
P
L4
L2
L5
A
B
C
V
V
Ø
V
L6
L7
V2
V
V
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com