Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5816AF Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5816AF
Description  6-channel DSD-PCM Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5816AF Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5816AF_06 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5816AF_06 Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SM5816AF
SEIKO NPC CORPORATION —21
RAM coefficient write mode (bit 1 = “H”)
In RAM coefficient write mode, the bit represent a RAM write address and coefficient write data, with the first
40 bits of data being valid.
Note. Writing RAM coefficients always takes precedence. As a result, coefficient writing while a RAM coefficient is selected, will mean the coefficients are
read incorrectly, generating an output noise. To prevent this problem, the outputs should be muted when writing RAM coefficients or a ROM coeffi-
cient should be temporarily selected.
Table 2. Flag function table
Bit
Flag name
Function
Value or state
1
MODE
RAM coefficient write mode
Tied "H"
2
(Reserved)
Reserved flag
Tied "L"
3
(Reserved)
Reserved flag
Tied "L"
4
COEF28
Coefficient data (MSB)
Coefficient data must conform with the following conditions.
* Coefficient word length = 29 bits (
± 1.0)
* Coefficient sum total not to exceed 0.5
(18000000)h to (07FFFFFF)h
* Depending on the coefficient, the result may pass the overflow limit.
* RAM initial state is indeterminate, thus address-field data must be written before use.
5
COEF27
Coefficient data
6
COEF26
Coefficient data
7
COEF25
Coefficient data
8
COEF24
Coefficient data
9
COEF23
Coefficient data
10
COEF22
Coefficient data
11
COEF21
Coefficient data
12
COEF20
Coefficient data
13
COEF19
Coefficient data
14
COEF18
Coefficient data
15
COEF17
Coefficient data
16
COEF16
Coefficient data
17
COEF15
Coefficient data
18
COEF14
Coefficient data
19
COEF13
Coefficient data
20
COEF12
Coefficient data
21
COEF11
Coefficient data
22
COEF10
Coefficient data
23
COEF9
Coefficient data
24
COEF8
Coefficient data
25
COEF7
Coefficient data
26
COEF6
Coefficient data
27
COEF5
Coefficient data
28
COEF4
Coefficient data
29
COEF3
Coefficient data
30
COEF2
Coefficient data
31
COEF1
Coefficient data
32
COEF0
Coefficient data (LSB)
33
RA7
RAM write address (MSB)
Coefficient address should be assigned as follows.
* Even-order symmetrical coefficients restriction means that only half need be written
from the edges to the center.
* For 2fs, half 480th-order implies to address 240.
RA = (00)h is the edge, RA = (EF)h is the center.
* For 8fs, half 240th-order implies to address 120.
RA = (00)h, the edge, to RA = (3B)h are the first 60 addresses
RA = (80)h to RA = (BB)h are the last 60 addresses.
34
RA6
RAM write address
35
RA5
RAM write address
36
RA4
RAM write address
37
RA3
RAM write address
38
RA2
RAM write address
39
RA1
RAM write address
40
RA0
RAM write address (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com