Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5027CS-4 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button CF5027CS-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —10
For Fundamental Oscillator: High frequency version (5027
×P to 5027×W)
VDD = 1.60 to 3.63V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 3, IOH = – 4mA
VDD – 0.4
–
–
V
LOW-level output voltage
VOL
Q: Measurement cct 3, IOL = 4mA
–
–
0.4
V
HIGH-level input voltage
VIH
INHN, Measurement cct 4
0.7VDD
––
V
LOW-level input voltage
VIL
INHN, Measurement cct 4
–
–
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 5,
INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
– 10
–
–
µA
Current consumption*1
*1. The consumption current IDD (CL) with a load capacitance (CL) connected to the Q pin is given by the following equation, where IDD is the no-load con-
sumption current and fOUT is the output frequency.
IDD (CL) [mA] = IDD [mA] + CL [pF] × VDD [V] × fOUT [MHz] × 10
–3
IDD
5027
×P (fO), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 80MHz
VDD = 3.3V
–
2.5
3.8
mA
VDD = 2.5V
–
2.0
3.0
mA
VDD = 1.8V
–
1.6
2.4
mA
5027
×Q (fO/2), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 40MHz
VDD = 3.3V
–
2.4
3.6
mA
VDD = 2.5V
–
1.9
2.9
mA
VDD = 1.8V
–
1.5
2.3
mA
5027
×R (fO/4), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 20MHz
VDD = 3.3V
–
1.8
2.7
mA
VDD = 2.5V
–
1.5
2.3
mA
VDD = 1.8V
–
1.2
1.6
mA
5027
×S (fO/8), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 10MHz
VDD = 3.3V
–
1.7
2.6
mA
VDD = 2.5V
–
1.4
2.1
mA
VDD = 1.8V
–
1.1
1.7
mA
5027
×T (fO/16), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 5MHz
VDD = 3.3V
–
1.6
2.4
mA
VDD = 2.5V
–
1.3
2.0
mA
VDD = 1.8V
–
1.0
1.5
mA
5027
×V (fO/32), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 2.5MHz
VDD = 3.3V
–
1.5
2.3
mA
VDD = 2.5V
–
1.2
1.8
mA
VDD = 1.8V
–
1.0
1.5
mA
5027
×W (fO/64), Measurement cct 1,
no load, INHN = open, fO = 80MHz,
fOUT = 1.25MHz
VDD = 3.3V
–
1.5
2.3
mA
VDD = 2.5V
–
1.2
1.8
mA
VDD = 1.8V
–
1.0
1.5
mA
Standby current
IST
Measurement cct 1, INHN = LOW
–
–
10
µA
INHN pull-up resistance
RUP1
Measurement cct 6
0.4
1.5
8
M
Ω
RUP2
30
70
150
k
Ω
Oscillator feedback
resistance
Rf
50
100
200
k
Ω
Oscillator capacitance
CG
Design value (a monitor pattern on a wafer is tested),
Excluding parasitic capacitance.
1.6
2
2.4
pF
CD
3.2
4
4.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com