Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STCF03TBR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF03TBR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03TBR Datasheet(HTML) 1 Page - STMicroelectronics

  STCF03TBR Datasheet HTML 1Page - STMicroelectronics STCF03TBR Datasheet HTML 2Page - STMicroelectronics STCF03TBR Datasheet HTML 3Page - STMicroelectronics STCF03TBR Datasheet HTML 4Page - STMicroelectronics STCF03TBR Datasheet HTML 5Page - STMicroelectronics STCF03TBR Datasheet HTML 6Page - STMicroelectronics STCF03TBR Datasheet HTML 7Page - STMicroelectronics STCF03TBR Datasheet HTML 8Page - STMicroelectronics STCF03TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
September 2007
Rev. 4
1/35
35
STCF03
High power white LED driver with I2C™ interface
Features
Buck-boost dc/dc converter
Drives one power white LED up to 800 mA from
2.7 V to 5.5 V in QFN
Drives one power white LED up to 800 mA from
3.3 V to 5.5 V in BGA
Efficient up to 92%
Output current control
1.8 MHz typ. fixed frequency PWM
Synchronous rectification
Full I2C control
Operational modes:
– Shutdown mode
– Shutdown + NTC
– Ready mode + auxiliary red LED
– Flash mode: up to 800 mA
– Torch mode: up to 200 mA
Soft and hard triggering of flash
Flash and torch dimming with 16 exponential
values
Dimmable red LED indicator auxiliary output
Internally or externally timed flash operation
Digitally programmable safety time-out in flash
mode
LED overtemperature detection and protection
with external NTC resistor
Opened and shorted led failure detection and
protection
Chip over temperature detection and protection
< 1 µA shutdown current
Packages:
– QFN20 (4x4)
– TFBGA25 (3x3)
Applications
Cell phone and smart phone
Camera flashes/strobe
PDAs and digital still cameras
Description
The STCF03 is a high efficiency power supply
solution to drive a single flash LED in camera
phone, PDAs and other hand-held devices. It is a
buck - boost converter to guarantee a proper LED
current control over all possible conditions of
battery voltage and output voltage; the output
current control ensure a good current regulation
over the forward voltage spread characteristics of
the Flash LED.
Thanks to the high efficiency of the converter
allows having the input current taken from the
battery remain under 1.5 A. (See continuous
description)
TFBGA25 (3x3)
QFN20 (4x4)
Table 1. Device summary
Order code
Package
Packaging
STCF03PNR
QFN20 (4x4 mm)
4500 parts per reel
STCF03TBR (1)
TFBGA25 (3x3 mm)
3000 parts per reel
1.
Available on request.
www.st.com


Similar Part No. - STCF03TBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03I STMICROELECTRONICS-STCF03I Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
STCF03ITBR STMICROELECTRONICS-STCF03ITBR Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03ITBR STMICROELECTRONICS-STCF03ITBR Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
More results

Similar Description - STCF03TBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
8-BIT LED DRIVER WITH I2C INTERFACE
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
6-Channel LED Driver with I2C??Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF04 STMICROELECTRONICS-STCF04 Datasheet
1Mb / 43P
High power white LED SuperCap™ driver with I²C interface
September 2012 Rev 3
STCF05 STMICROELECTRONICS-STCF05 Datasheet
405Kb / 33P
High power white LED driver with I²C interface
July 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com