Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HGTP3N60C3D Datasheet(PDF) 1 Page - Harris Corporation

Part # HGTP3N60C3D
Description  6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HGTP3N60C3D Datasheet(HTML) 1 Page - Harris Corporation

  HGTP3N60C3D_07 Datasheet HTML 1Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 2Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 3Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 4Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 5Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 6Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 7Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 8Page - Harris Corporation HGTP3N60C3D_07 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SEMICONDUCT OR
1
HGTP3N60C3D, HGT1S3N60C3D,
HGT1S3N60C3DS
6A, 600V, UFS Series N-Channel IGBT
with Anti-Parallel Hyperfast Diode
Features
• 6A, 600V at TC = +25
oC
• 600V Switching SOA Capability
• Typical Fall Time - 130ns at TJ = +150
oC
• Short Circuit Rating
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode
Description
The HGTP3N60C3D, HGT1S3N60C3D, and HGT1S3N60C3DS
are MOS gated high voltage switching devices combining the
best features of MOSFETs and bipolar transistors. These
devices have the high input impedance of a MOSFET and the
low on-state conduction loss of a bipolar transistor. The much
lower on-state voltage drop varies only moderately between
+25oC and +150oC. The IGBT used is the development type
TA49113. The diode used in anti-parallel with the IGBT is the
development type TA49055.
The IGBT is ideal for many high voltage switching applications
operating at moderate frequencies where low conduction losses
are essential.
Packaging
JEDEC TO-220AB
JEDEC TO-262AA
JEDEC TO-263AB
Terminal Diagram
N-CHANNEL ENHANCEMENT MODE
Absolute Maximum Ratings TC = +25oC, Unless Otherwise Specified
PACKAGING AVAILABILITY
PART NUMBER
PACKAGE
BRAND
HGTP3N60C3D
TO-220AB
G3N60C3D
HGT1S3N60C3D
TO-262AA
G3N60C3D
HGT1S3N60C3DS
TO-263AB
G3N60C3D
NOTE: When ordering, use the entire part number. Add the suffix 9A to
obtain the TO-263AB variant in tape and reel, i.e. HGT1S3N60C3DS9A.
Formerly Developmental Type TA49119.
GATE
COLLECTOR (FLANGE)
EMITTER
COLLECTOR
EMITTER
COLLECTOR
GATE
COLLECTOR
(FLANGE)
A
M
COLLECTOR
(FLANGE)
GATE
EMITTER
C
E
G
HGTP3N60C3D, HGT1S3N60C3D
HGT1S3N60C3DS
UNITS
Collector-Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .BVCES
600
V
Collector Current Continuous
At TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
6A
At TC = +110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C110
3A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
24
A
Gate-Emitter Voltage Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate-Emitter Voltage Pulsed. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = +150
oC, Fig. 14. . . . . . . . . . . . . . . . . . . . . SSOA
18A at 480V
Power Dissipation Total at TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
33
W
Power Dissipation Derating TC > +25
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.27
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-40 to +150
oC
Maximum Lead Temperature for Soldering. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
260
oC
Short Circuit Withstand Time (Note 2) at VGE = 10V, Fig 6 . . . . . . . . . . . . . . . . . . . . .tSC
8
µs
NOTE:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
VCE(PK) = 360V, TJ = +125
oC, R
GE = 82Ω.
May 1996
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1996
File Number
4140


Similar Part No. - HGTP3N60C3D_07

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
More results

Similar Description - HGTP3N60C3D_07

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60B3D FAIRCHILD-HGTG20N60B3D Datasheet
179Kb / 7P
40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D_04 Datasheet
228Kb / 8P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com