Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4417-2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 4417-2
Description  Twin structure of 4117 type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

4417-2 Datasheet(HTML) 2 Page - DB Lectro Inc

  4417-2 Datasheet HTML 1Page - DB Lectro Inc 4417-2 Datasheet HTML 2Page - DB Lectro Inc 4417-2 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Twin structure of 4117 type.
Small size, light weight.
Low coil power consumption.
PC board mounting.
4117-2 2C
S
12VDC
1
2
3
4
Ordering Information
3 Enclosure
S: Sealed type
Z: Dust cover
4 Coil rated voltage(V)
DC:3,5,6,9,12,18,24
Contact Data
Coil Parameter
4117-2
1 Part number
4117-2
2 Contact arrangement
2A:2A
2C:2C
2U:2U
2W:2W
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
29.6
18
20
Patent No.: 95319882.0
Contact Arrangement
2A
DPSTNO
2C
DPDT(B-M)
2U
DPSTNODM
2W
DPDTNC-NO
Contact Material
AgNi AgSnO AgCdO
2
Contact Rating (resistive)
2A,2C: 10A/120VAC,28VDC ; 2U,2W: 2
10A/120VAC, 28VDC
Max. Switching Power
280W 1200VA
Max. Switching Voltage
75VDC 380VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
003-1000
3
3.9
92
2.25
0.3
005-1000
5
6.5
25
2
3.75
0.5
006-1000
6
7.8
36
2
4.50
0.6
009-1000
9
11.7
85
2
6.75
0.9
012-1000
12
15.6
145
2
9.00
1.2
018-1000
18
23.4
324
2
13.5
1.8
024-1000
24
31.2
576
2
18.0
2.4
2
1.0
10
5
Features
Operation condition
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
50Hz 750V
Item 6 of IEC255-5
50Hz 1500V
Item 6 of IEC255-5
Dimensions
Mounting (Bottom view)
Wiring diagram(Bottom view)
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
20g
132
4117-2
12
10
8
6
4
2
mm /inch
18max.
0.709max.
0.083
2.1
29.6max.
1.165max.
14- 1.3
5.08
5.08
0.200
0.200
10.16
0.400
4
0.157
10.16
0.400
0.051
Ningbo Forward Relay Corporation LTD.
0.028
4- 0.7
0.031X0.031
0.8X0.8
0.031X0.031
0.8X0.8
0.02X0.031
8-0.5X0.8
NHG RELAYS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com