Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG140A12TCFS Datasheet(PDF) 7 Page - StarPower Europe AG

Part # DG140A12TCFS
Description  1200V/140A IGBT with Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

DG140A12TCFS Datasheet(HTML) 7 Page - StarPower Europe AG

Back Button DG140A12TCFS Datasheet HTML 3Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 4Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 5Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 6Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 7Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 8Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 9Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 10Page - StarPower Europe AG DG140A12TCFS Datasheet HTML 11Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DG140A12TCFS
IGBT Discrete
©2023 STARPOWER Semiconductor Ltd.
12/15/2023
7/12
B01
Fig 9. Switching Energy Loss vs. RG
Fig 10. Switching Energy Loss vs. Tvj
Fig 11. Switching Energy Loss vs. VCE
Fig 12 . IGBT Gate Charge vs. VCE
4
8
12
16
20
24
28
0
4
8
12
16
20
R
G [Ω]
Eon
Eoff
Erec
V
CC=600V
I
C=140A
V
GE=-8/+15V
T
vj=175
oC
0
4
8
12
16
20
24
25
50
75
100
125
150
175
T
vj [
oC]
Eon
Eoff
Erec
V
CC=600V
I
C=140A
R
GON=5.1Ω
R
GOFF=1.0Ω
V
GE=-8/+15V
1.5
6.5
11.5
16.5
21.5
26.5
31.5
600
650
700
750
800
V
CE [V]
Eon
Eoff
Erec
I
C=140A
R
GON=5.1Ω
R
GOFF=1.0Ω
V
GE=-8/+15V
T
vj=175
oC
-8
-3
2
7
12
0
0.1
0.2
0.3
0.4
0.5
Q
G [uC]
V
CC=600V
I
C=40A
V
CC=600V
I
C=140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com