Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S26361-F5000-R009 Datasheet(PDF) 2 Page - Kontron

Part # S26361-F5000-R009
Description  Intel® C246 Express Chipset and Intel® Xeon®
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

S26361-F5000-R009 Datasheet(HTML) 2 Page - Kontron

  S26361-F5000-R009 Datasheet HTML 1Page - Kontron S26361-F5000-R009 Datasheet HTML 2Page - Kontron S26361-F5000-R009 Datasheet HTML 3Page - Kontron S26361-F5000-R009 Datasheet HTML 4Page - Kontron S26361-F5000-R009 Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.kontron.com
D3646-S ATX
Product Highlights
D3646-S ATX Industrial Series
* Intel® 8th/9th Gen Core™ & Intel® Xeon® Processor Series
* DDR4 2666 SDRAM, max. 64 GByte
* cTDP – Easy & flexible reduction of CPU TDP
* Supporting Intel® AMT 12.0 / vPro
* PCI Express® x16 (Gen.3) & 2x PCI (32 Bit/33 MHz Rev. 2.3)
* 2x Intel® GbE LAN (incl. Teaming)
* Intel® UHD Graphics (DX12); 1x DVI-D, 2x DP V1.2
* Intel® High Definition 5.1 Audio; Infineon TPM V2.0
* 8 Bit GPIO; 4x COM ports, HW watchdog
* 6x USB 2.0, 4x USB 3.1 Gen1, 2x USB 3.1 Gen2,
1x USB 3.1 Gen2 stick socket
* 6x SATA 6G incl. RAID support,
parallel port (internal pin header)
* M.2 2280 (PCIe-based SSD modules)
* M.2 2230 (WLAN/Bluetooth modules)
* BIOS-POST/-Boot & OS – HW Watchdog onboard
Besides assured extended availability for a minimum of five years,
the Motherboard D3646-S ATX of the Industrial Series provides
supportforhighlyperformantIntel®Xeon®E-21xx/E-22xxproces-
sors, Intel® Core™ i9/i7/i5/i3 (8th/9th Gen) processors and Intel®
Pentium®/Intel® Celeron® processors. It also offers latest Intel®
AMT 12.0 and vPro manageability. It is particularly suitable for
applications like workstations and entry-level servers, various
medical applications and applications with high-performance
needs.
Technical Information
SYSTEM
PROCESSOR
CHIPSET
MEMORY
Intel® Xeon® E-21xx/E-22xx processor series
Intel® Core™ i9/i7/i5/i3 (8th/9th Gen) processor series
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1151, max. 95 W TDP
(For details on supported processors please refer to Kontron FTP Server)
Intel® C246 Express Chipset
4 DIMM Sockets DDR4-2666 (1.2 V), max. 64 GByte, Dual Channel
DDR4 -2666 (CL19)/-2400 (CL17)/-2133 (CL15) SDRAM, unbuffered,
ECC/non-ECC
Note: 128 GByte memory configuration (4x 32 GByte modules) not supported
Effective memory speed depends on installed processor
VIDEO
GRAPHICS
Intel® UHD Graphics (depends on installed processor), DX12
2x DisplayPort V1.2 & 1x DVI-D
VGA output possible via optional VGA extension module D3653
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Realtek ALC671
5.1- channel, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET
Intel i219LM & i210AT with 10/100/1000 MBit/s, AMT 12.0/vPro Support
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/Os
6x USB 2.0, 4x USB 3.1 Gen1, 2x USB 3.1 Gen2, 1x USB 3.1 Gen2 stick socket
1x RS232 + 3x by header
8 Bit GPIO (Input/Output); WLAN LED support, WLAN enable/disable support
3.3 V/5 V/12 V supply voltage output; SMBus controller PCA9554A
STORAGE & EXPANSION
SATA
PCIe/PCI SLOTS
6x Serial ATA III 600 Interface (up to 6 GBit/s), NCQ, AHCI, RAID 0/1/5/10,
1x M.2 PCIe (2280), 1x M.2 Key-E (2230)
PCIe x16: 1x 16 Lanes, Gen3/1x 4 Lanes, Gen3
PCIe x8: 2x 1 Lane, "open", Gen3
PCIe x1: 1x "open", Gen3
PCI: 2x
POWER
CONNECTOR
ATX Power Supply (24+4 Pin)
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS
modified and adapted by Kontron; Recovery BIOS, SM-BIOS (DMI), BIOS and
CPU Microcode Update, Quick Boot, Logo Boot, Quiet Boot, Plug & Play,
Automatic DRAM and PCIe Configuration,
BIOS Support for S.M.A.R.T., Advanced Power Management, ACPI S3/S4, Wake
on time from S5. HW Watchdog support & BIOS integrated HW Diagnostic Tool.
No legacy OS support, no MBR installation (UEFI only)
Recovery BIOS, System and BIOS Password
integrated
TPM V2.0 (Infineon SLB9670; TCG compliant)
LAN2
COM1
4x USB 2.0
Mouse
LAN1 (iAMT)
Kbd
2x DP V1.2
DVI-D
2x USB 3.1
Gen2
2x USB 3.1
Gen1
Audio



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com